Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-E/SP Datasheet(PDF) 151 Page - Microchip Technology

Part # PIC18LF4331T-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP Datasheet(HTML) 151 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 147Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 148Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 149Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 150Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 151Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 152Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 153Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 154Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 155Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 151
PIC18F2331/2431/4331/4431
17.0
MOTION FEEDBACK MODULE
The Motion Feedback Module (MFM) is a special
purpose peripheral designed for motion feedback
applications. Together with the Power Control PWM
(PCPWM) module (see Section 18.0 “Power Control
PWM Module”
), it provides a variety of control
solutions for a wide range of electric motors.
The module actually consists of two hardware
submodules:
• Input Capture (IC)
• Quadrature Encoder Interface (QEI)
Together with Timer5 (see Section 15.0 “Timer5
Module”
), these modules provide a number of
options for motion and control applications.
Many of the features for the IC and QEI submodules
are fully programmable, creating a flexible peripheral
structure that can accommodate a wide range of
in-system uses. An overview of the available features
is presented in Table 17-1. A simplified block diagram
of the entire Motion Feedback Module is shown in
Figure 17-1.
TABLE 17-1:
SUMMARY OF MOTION FEEDBACK MODULE FEATURES
Note:
Because the same input pins are common
to the IC and QEI submodules, only one of
these two submodules may be used at
any given time. If both modules are on, the
QEI submodule will take precedence.
Submodule
Mode(s)
Features
Timer
Function
IC (3x)
• Synchronous
• Input Capture
• Flexible Input Capture modes
• Available Prescaler
• Selectable Time Base Reset
• Special Event Trigger for ADC
Sampling/Conversion or Optional
TMR5 Reset Feature (CAP1 only)
• Wake-up from Sleep function
• Selectable Interrupt Frequency
• Optional Noise Filter
TMR5
• 3x Input Capture (edge
capture, pulse width, period
measurement, capture on
change)
• Special Event Triggers the
A/D Conversion on the CAP1
Input
QEI
QEI
• Detect Position
• Detect Direction of Rotation
• Large Bandwidth (FCY/16)
• Optional Noise Filter
16-Bit
Position
Counter
• Position Measurement
• Direction of Rotation Status
Velocity
Measurement
• 2x and 4x Update modes
• Velocity Event Postscaler
• Counter Overflow Flag for Low
Rotation Speed
• Utilizes Input Capture 1 Logic
(IC1)
• High and Low Velocity Support
TMR5
• Precise Velocity Measurement
• Direction of Rotation Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com