Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18LF4331T-E/SP Datasheet(PDF) 180 Page - Microchip Technology

Part # PIC18LF4331T-E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/SP Datasheet(HTML) 180 Page - Microchip Technology

Back Button PIC18LF4331T-E/SP Datasheet HTML 176Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 177Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 178Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 179Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 180Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 181Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 182Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 183Page - Microchip Technology PIC18LF4331T-E/SP Datasheet HTML 184Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 180
 2010 Microchip Technology Inc.
18.3.1
FREE-RUNNING MODE
In the Free-Running mode, the PWM Time Base regis-
ters (PTMRL and PTMRH) will begin counting upwards
until the value in the PWM Time Base Period register,
PTPER (PTPERL and PTPERH), is matched. The
PTMR registers will be reset on the following input
clock edge and the time base will continue counting
upwards as long as the PTEN bit remains set.
18.3.2
SINGLE-SHOT MODE
In the Single-Shot mode, the PWM time base will begin
counting upwards when the PTEN bit is set. When the
value in the PTMR register matches the PTPER regis-
ter, the PTMR register will be reset on the following
input clock edge and the PTEN bit will be cleared by the
hardware to halt the time base.
18.3.3
CONTINUOUS UP/DOWN COUNT
MODES
In Continuous Up/Down Count modes, the PWM time
base counts upwards until the value in the PTPER
register matches with the PTMR register. On the
following input clock edge, the timer counts
downwards. The PTDIR bit in the PTCON1 register is
read-only and indicates the counting direction. The
PTDIR bit is set when the timer counts downwards.
18.3.4
PWM TIME BASE PRESCALER
The input clock to PTMR (FOSC/4) has prescaler
options of 1:1, 1:4, 1:16 or 1:64. These are selected by
control bits, PTCKPS<1:0>, in the PTCON0 register.
The prescaler counter is cleared when any of the
following occurs:
• Write to the PTMR register
• Write to the PTCON (PTCON0 or PTCON1)
register
• Any device Reset
REGISTER 18-4:
PWMCON1: PWM CONTROL REGISTER 1
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
SEVOPS3
SEVOPS2
SEVOPS1
SEVOPS0
SEVTDIR
—
UDIS
OSYNC
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
SEVOPS<3:0>:
PWM Special Event Trigger Output Postscale Select bits
0000
= 1:1 Postscale
0001
= 1:2 Postscale
.
.
.
1111
= 1:16 Postscale
bit 3
SEVTDIR:
Special Event Trigger Time Base Direction bit
1
= A Special Event Trigger will occur when the PWM time base is counting downwards
0
= A Special Event Trigger will occur when the PWM time base is counting upwards
bit 2
Unimplemented:
Read as ‘0’
bit 1
UDIS:
PWM Update Disable bit
1
= Updates from Duty Cycle and Period Buffer registers are disabled
0
= Updates from Duty Cycle and Period Buffer registers are enabled
bit 0
OSYNC:
PWM Output Override Synchronization bit
1
= Output overrides via the OVDCON register are synchronized to the PWM time base
0
= Output overrides via the OVDCON register are asynchronous
Note:
Since the PWM compare outputs are
driven to the active state when the PWM
time base is counting downwards and
matches the duty cycle value, the PWM
outputs are held inactive during the first
half of the first period of the Continuous
Up/Down Count mode until PTMR begins
to count down from the PTPER value.
Note:
The PTMR register is not cleared when
PTCONx is written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com