Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-E/SP Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC18F23K22-E/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-E/SP Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC18F23K22-E/SP Datasheet HTML 157Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 158Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 159Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 160Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 161Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 162Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 163Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 164Page - Microchip Technology PIC18F23K22-E/SP Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 161
PIC18(L)F2X/4XK22
12.0 TIMER1/3/5 MODULE WITH
GATE CONTROL
The Timer1/3/5 module is a 16-bit timer/counter with
the following features:
• 16-bit timer/counter register pair (TMRxH:TMRxL)
• Programmable internal or external clock source
• 2-bit prescaler
• Dedicated Secondary 32 kHz oscillator circuit
• Optionally synchronized comparator out
• Multiple Timer1/3/5 gate (count enable) sources
• Interrupt on overflow
• Wake-up on overflow (external clock,
Asynchronous mode only)
• 16-Bit Read/Write Operation
• Time base for the Capture/Compare function
• Special Event Trigger (with CCP/ECCP)
• Selectable Gate Source Polarity
• Gate Toggle Mode
• Gate Single-pulse Mode
• Gate Value Status
• Gate Event Interrupt
Figure 12-1 is a block diagram of the Timer1/3/5
module.
FIGURE 12-1:
TIMER1/3/5 BLOCK DIAGRAM
TMRxH
TMRxL
TxSYNC
TxCKPS<1:0>
Prescaler
1, 2, 4, 8
0
1
Synchronized
clock input
2
Set flag bit
TMRxIF on
Overflow
TMRx(2),(4)
TMRxON
Note 1:
ST Buffer is high speed type when using TxCKI.
2:
Timer1/3/5 register increments on rising edge.
3:
Synchronize does not operate while in Sleep.
4:
See Figure 12-2 for 16-Bit Read/Write Mode Block Diagram.
5:
T1CKI is not available when the secondary oscillator is enabled. (SOSCGO = 1 or TXSOSCEN = 1)
6:
T3CKI is not available when the secondary oscillator is enabled, unless T3CMX = 1.
7:
Synchronized comparator output should not be used in conjunction with synchronized TxCKI.
TxG
FOSC/4
Internal
Clock
SOSCOUT
1
0
TxCKI
TMRxCS<1:0>
(5)
Synchronize(3),(7)
det
Sleep input
TMRxGE
0
1
00
01
10
11
TxGPOL
D
Q
CK
Q
0
1
TxGVAL
TxGTM
Single Pulse
Acq. Control
TxGSPM
TxGGO/DONE
TxGSS<1:0>
10
11
00
01
FOSC
Internal
Clock
Reserved
R
D
EN
Q
Q1
RD
TXGCON
Data Bus
det
Interrupt
TMRxGIF
Set
TxCLK
FOSC/2
Internal
Clock
D
EN
Q
TxG_IN
TMRxON
Timer2/4/6 Match
Comparator 1
PR2/4/6
Comparator 2
SYNCC2OUT(7)
SYNCC1OUT(7)
To Comparator Module
,(6)
TxSOSCEN
Secondary
Oscillator
Module
See Figure 2-4
TxCLK_EXT_SRC
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com