| Electronic Components Datasheet Search |
|
PIC18F23K22-I/SP Datasheet(PDF) 140 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F23K22-I/SP Datasheet(HTML) 140 Page - Microchip Technology |
|
140 / 496 page ![]() PIC18(L)F2X/4XK22 DS41412C-page 140 Preliminary 2010 Microchip Technology Inc. RB2/INT2/CTED1/ P1B/SDI2/SDA2/ AN8 RB2 01 O DIG LATB<2> data output; not affected by analog input. 10 I ST PORTB<2> data input; disabled when analog input enabled. INT2 10 I ST External interrupt 2. CTED1 10 I ST CTMU Edge 1 input. P1B(3) 01 O DIG Enhanced CCP1 PWM output 2. SDI2(3) 10 I ST MSSP2 SPI data input. SDA2(3) 00 ODIG MSSP2 I2CTM data output. 10 II2C MSSP2 I2CTM data input. AN8 11 I AN Analog input 8. RB3/CTED2/P2A/ CCP2/SDO2/ C12IN2-/AN9 RB3 01 O DIG LATB<3> data output; not affected by analog input. 10 I ST PORTB<3> data input; disabled when analog input enabled. CTED2 10 I ST CTMU Edge 2 input. P2A 01 O DIG Enhanced CCP1 PWM output 1. CCP2(2) 01 O DIG Compare 2 output/PWM 2 output. 10 I ST Capture 2 input. SDO2(2) 01 O DIG MSSP2 SPI data output. C12IN2- 11 I AN Comparators C1 and C2 inverting input. AN9 11 I AN Analog input 9. RB4/IOC0/P1D/ T5G/AN11 RB4 01 O DIG LATB<4> data output; not affected by analog input. 10 I ST PORTB<4> data input; disabled when analog input enabled. IOC0 10 I TTL Interrupt-on-change pin. P1D 01 O DIG Enhanced CCP1 PWM output 4. T5G 10 I ST Timer5 external clock gate input. AN11 11 I AN Analog input 11. RB5/IOC1/P2B/ P3A/CCP3/T3CKI/ T1G/AN13 RB5 01 O DIG LATB<5> data output; not affected by analog input. 10 I ST PORTB<5> data input; disabled when analog input enabled. IOC1 10 I TTL Interrupt-on-change pin 1. P2B(1)(3) 01 O DIG Enhanced CCP2 PWM output 2. P3A(1) 01 O DIG Enhanced CCP3 PWM output 1. CCP3(1) 01 O DIG Compare 3 output/PWM 3 output. 10 I ST Capture 3 input. T3CKI(2) 10 I ST Timer3 clock input. T1G 10 I ST Timer1 external clock gate input. AN13 11 I AN Analog input 13. TABLE 10-5: PORTB I/O SUMMARY (CONTINUED) Pin Function TRIS Setting ANSEL Setting Pin Type Buffer Type Description Legend: AN = Analog input or output; TTL = TTL compatible input; HV = High Voltage; OD = Open Drain; XTAL = Crystal; CMOS = CMOS compatible input or output; ST = Schmitt Trigger input with CMOS levels; I2CTM = Schmitt Trigger input with I2C. Note 1: Default pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are set. 2: Alternate pin assignment for P2B, T3CKI, CCP3 and CCP2 when Configuration bits PB2MX, T3CMX, CCP3MX and CCP2MX are clear. 3: Function on PORTD and PORTE for PIC18(L)F4XK22 devices. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |