Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-I/SP Datasheet(PDF) 179 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 179 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 175Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 176Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 177Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 178Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 179Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 180Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 181Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 182Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 183Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 179
PIC18(L)F2X/4XK22
14.1.4
CCP PRESCALER
There are four prescaler settings specified by the
CCPxM<3:0> bits of the CCPxCON register. Whenever
the CCP module is turned off, or the CCP module is not
in Capture mode, the prescaler counter is cleared. Any
Reset will clear the prescaler counter.
Switching from one capture prescaler to another does
not clear the prescaler and may generate a false
interrupt. To avoid this unexpected operation, turn the
module off by clearing the CCPxCON register before
changing the prescaler. Example 14-1 demonstrates
the code to perform this function.
EXAMPLE 14-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
14.1.5
CAPTURE DURING SLEEP
Capture mode requires a 16-bit TimerX module for use
as a time base. There are four options for driving the
16-bit TimerX module in Capture mode. It can be driven
by the system clock (FOSC), the instruction clock (FOSC/
4), or by the external clock sources, the Secondary
Oscillator (SOSC), or the TxCKI clock input. When the
16-bit TimerX resource is clocked by FOSC or FOSC/4,
TimerX will not increment during Sleep. When the
device wakes from Sleep, TimerX will continue from its
previous state. Capture mode will operate during Sleep
when the 16-bit TimerX resource is clocked by one of
the external clock sources (SOSC or the TxCKI pin).
#define NEW_CAPT_PS 0x06
//Capture
// Prescale 4th
...
// rising edge
CCPxCON = 0;
// Turn the CCP
// Module Off
CCPxCON = NEW_CAPT_PS;
// Turn CCP module
// on with new
// prescale value
TABLE 14-3:
REGISTERS ASSOCIATED WITH CAPTURE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
P1M<1:0>
DC1B<1:0>
CCP1M<3:0>
201
CCP2CON
P2M<1:0>
DC2B<1:0>
CCP2M<3:0>
201
CCP3CON
P3M<1:0>
DC3B<1:0>
CCP3M<3:0>
201
CCP4CON
—
—
DC4B<1:0>
CCP4M<3:0>
201
CCP5CON
—
—
DC5B<1:0>
CCP5M<3:0>
201
CCPR1H
Capture/Compare/PWM Register 1 High Byte (MSB)
—
CCPR1L
Capture/Compare/PWM Register 1 Low Byte (LSB)
—
CCPR2H
Capture/Compare/PWM Register 2 High Byte (MSB)
—
CCPR2L
Capture/Compare/PWM Register 2 Low Byte (LSB)
—
CCPR3H
Capture/Compare/PWM Register 3 High Byte (MSB)
—
CCPR3L
Capture/Compare/PWM Register 3 Low Byte (LSB)
—
CCPR4H
Capture/Compare/PWM Register 4 High Byte (MSB)
—
CCPR4L
Capture/Compare/PWM Register 4 Low Byte (LSB)
—
CCPR5H
Capture/Compare/PWM Register 5 High Byte (MSB)
—
CCPR5L
Capture/Compare/PWM Register 5 Low Byte (LSB)
—
CCPTMRS0
C3TSEL<1:0>
—
C2TSEL<1:0>
—
C1TSEL<1:0>
204
CCPTMRS1
—
—
—
—
C5TSEL<1:0>
C4TSEL<1:0>
204
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
115
IPR1
—
ADIP
RC1IP
TX1IP
SSP1IP
CCP1IP
TMR2IP
TMR1IP
127
IPR2
OSCFIP
C1IP
C2IP
EEIP
BCL1IP
HLVDIP
TMR3IP
CCP2IP
128
IPR4
—
—
—
—
—CCP5IP
CCP4IP
CCP3IP
130
PIE1
—
ADIE
RC1IE
TX1IE
SSP1IE
CCP1IE
TMR2IE
TMR1IE
123
Legend: — = Unimplemented location, read as ‘0’. Shaded bits are not used by Capture mode.
Note
1:
These registers/bits are available on PIC18(L)F4XK22 devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com