Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F23K22-I/SP Datasheet(PDF) 195 Page - Microchip Technology

Part # PIC18F23K22-I/SP
Description  28/40/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22-I/SP Datasheet(HTML) 195 Page - Microchip Technology

Back Button PIC18F23K22-I/SP Datasheet HTML 191Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 192Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 193Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 194Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 195Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 196Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 197Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 198Page - Microchip Technology PIC18F23K22-I/SP Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 496 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41412C-page 195
PIC18(L)F2X/4XK22
FIGURE 14-13:
EXAMPLE OF PWM DIRECTION CHANGE AT NEAR 100% DUTY CYCLE
14.4.3
ENHANCED PWM AUTO-
SHUTDOWN MODE
The PWM mode supports an Auto-Shutdown mode that
will disable the PWM outputs when an external
shutdown event occurs. Auto-Shutdown mode places
the PWM output pins into a predetermined state. This
mode is used to help prevent the PWM from damaging
the application.
The auto-shutdown sources are selected using the
CCPxAS<2:0> bits of the ECCPxAS register. A
shutdown event may be generated by:
•A logic ‘0’ on the INT pin
• Comparator Cx
• Setting the CCPxASE bit in firmware
A shutdown condition is indicated by the CCPxASE
(Auto-Shutdown Event Status) bit of the ECCPxAS
register. If the bit is a ‘0’, the PWM pins are operating
normally. If the bit is a ‘1’, the PWM outputs are in the
shutdown state.
When a shutdown event occurs, two things happen:
The CCPxASE bit is set to ‘1’. The CCPxASE will
remain set until cleared in firmware or an auto-restart
occurs (see Section 14.4.4 “Auto-Restart Mode”).
The enabled PWM pins are asynchronously placed in
their shutdown states. The PWM output pins are
grouped into pairs [PxA/PxC] and [PxB/PxD]. The state
of each pin pair is determined by the PSSxAC<1:0> and
PSSxBD<1:0> bits of the ECCPxAS register. Each pin
pair may be placed into one of three states:
• Drive logic ‘1’
• Drive logic ‘0’
• Tri-state (high-impedance)
Forward Period
Reverse Period
PxA
TON
TOFF
T = TOFF – TON
PxB
PxC
PxD
External Switch D
Potential
Shoot-Through Current
Note 1: All signals are shown as active-high.
2: TON is the turn-on delay of power switch QC and its driver.
3: TOFF is the turn-off delay of power switch QD and its driver.
External Switch C
t1
PW
PW
Note 1: The auto-shutdown condition is a level-
based signal, not an edge-based signal.
As long as the level is present, the auto-
shutdown will persist.
2: Writing to the CCPxASE bit is disabled
while
an
auto-shutdown
condition
persists.
3: Once the auto-shutdown condition has
been removed and the PWM restarted
(either through firmware or auto-restart),
the PWM signal will always restart at the
beginning of the next PWM period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com