Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT42QT1040
Description  QTouch??4-key Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT42QT1040 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040 Datasheet HTML 9Page - ATMEL Corporation AT42QT1040 Datasheet HTML 10Page - ATMEL Corporation AT42QT1040 Datasheet HTML 11Page - ATMEL Corporation AT42QT1040 Datasheet HTML 12Page - ATMEL Corporation AT42QT1040 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9
9524B–AT42–04/09
AT42QT1040
Figure 4-1.
~500 ns Pulse On OUT2 Pin
4.3
Speed Selection
Speed selection is determined by a 1 M
 resistor (RFS resistor) connected between SNSK1
and either Vdd (Fast Mode) or Vss (Slow Mode).
In Fast Mode, the device sleeps for 16 ms between burst acquisitions. In Slow Mode, the device
sleeps for 64 ms between acquisitions. Hence, Slow Mode conserves more power but results in
slightly less responsiveness.
Note:
The RFS resistor should always be connected to either Vdd or Vss and not changed
during operation of the device. Changing the RFS option will affect the sensitivity of the
particular key. Always check that the sensitivity is suitable after a change. Retune Cs1 if
necessary.
Pulse on OUT2
SNS0K
OUT2
SNS0K
OUT2
~20 ms
Power-on/
Reset
Table 4-2.
RFS Resistor
RFS Connected To...
Mode
Vdd
Fast mode
Vss
Slow mode


Similar Part No. - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com