Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT42QT1040
Description  QTouch??4-key Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT42QT1040 Datasheet HTML 1Page - ATMEL Corporation AT42QT1040 Datasheet HTML 2Page - ATMEL Corporation AT42QT1040 Datasheet HTML 3Page - ATMEL Corporation AT42QT1040 Datasheet HTML 4Page - ATMEL Corporation AT42QT1040 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
9524B–AT42–04/09
AT42QT1040
1.2
Schematic
Figure 1-1.
Typical Circuit
Suggested regulator manufacturers:
• Torex (XC6215 series)
• Seiko (S817 series)
• BCDSemi (AP2121 series)
Re Figure 1-1 check the following sections for component values:
• Section3.1 on page6: Cs capacitors (Cs0 – Cs3)
• Section3.5 on page7: Voltage levels
• Section3.3 on page6: LED traces
SLOW
FAST
OFF
VDD
VDD
2
1
3
J2
VDD
2
1
3
J1
ON
2
2
5
5
4
4
3
3
1
1
J3
N/C
19
N/C
10
OUT2
14
SNSK3
15
SNSK2
20
SNSK1
2
SNSK0
4
N/C
18
N/C
7
N/C
17
OUT1
12
OUT0
11
SNS3
16
SNS1
3
N/C
6
OUT3
13
SNS0
5
SNS2
1
SPEED SELECT
AKS SELECT
NOTES:
1) The central pad on the underside of the VQFN chip is a Vss pin and should be connected
to ground. Do not put any other tracks underneath the body of the chip.
2) It is important to place all Cs and Rs components physically near to the chip.
Add a 100 nF capacitor close to pin 9.
QT1040
Creg
Creg
VREG
Follow regulator manufacturer's
recommended values for input
and output bypass capacitors (Creg).
Key0
Key1
Key2
Key3
VUNREG
GND
Cs0
Cs1
Cs2
Cs3
RL0
RL1
RL2
RL3
RAKS
RFS
Rs0
Rs1
Rs2
Rs3
Example use of output pins


Similar Part No. - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com