Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1040 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT42QT1040
Description  QTouch??4-key Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1040 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT42QT1040 Datasheet HTML 2Page - ATMEL Corporation AT42QT1040 Datasheet HTML 3Page - ATMEL Corporation AT42QT1040 Datasheet HTML 4Page - ATMEL Corporation AT42QT1040 Datasheet HTML 5Page - ATMEL Corporation AT42QT1040 Datasheet HTML 6Page - ATMEL Corporation AT42QT1040 Datasheet HTML 7Page - ATMEL Corporation AT42QT1040 Datasheet HTML 8Page - ATMEL Corporation AT42QT1040 Datasheet HTML 9Page - ATMEL Corporation AT42QT1040 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
9524B–AT42–04/09
AT42QT1040
3.
Wiring and Parts
3.1
Cs Sample Capacitors
Cs0 – Cs3 are the charge sensing sample capacitors; normally they are identical in nominal
value. The optimal Cs values depend on the corresponding keys electrode design, the thickness
of the panel and its dielectric constant. Thicker panels require larger values of Cs. Values can be
in the range 2.2 nF (for faster operation) to 22 nF (for best sensitivity); typical values are 4.7 nF
to 10 nF.
The value of Cs should be chosen such that a light touch on a key mounted in a production unit
or a prototype panel causes a reliable detection. The chosen Cs value should never be so large
that the key signals exceed ~1000, as reported by the chip in the debug data.
The Cs capacitors must be X7R or PPS film type, for stability. For consistent sensitivity, they
should have a 10 percent tolerance. Twenty percent tolerance may cause small differences in
sensitivity from key to key and unit to unit. If a key is not used, the Cs capacitor may be omitted.
3.2
Rs Resistors
The series resistors Rs0 – Rs3 are inline with the electrode connections (close to the QT1040
chip) and are used to limit electrostatic discharge (ESD) currents and to suppress radio
frequency (RF) interference. A typical value is 4.7 k
, but up to 20 k can be used if it is found
to be of benefit.
Although these resistors may be omitted, the device may become susceptible to external noise
or radio frequency interference (RFI). For details on how to select these resistors refer to
Application Note QTAN0002, Secrets of a Successful QTouch
Design, and the Touch Sensors
Design Guide, both downloadable from the Touch Technology area of Atmel’s website,
www.atmel.com.
3.3
LED Traces and Other Switching Signals
For advice on LEDs and nearby traces, refer to Application Note QTAN0002, Secrets of a
Successful QTouchDesign, and the Touch Sensors Design Guide, both downloadable from
the Touch Technology area of Atmel’s website, www.atmel.com.
3.4
PCB Cleanliness
Modern no-clean flux is generally compatible with capacitive sensing circuits.
If a PCB is reworked in any way, clean it thoroughly to remove all traces of the flux residue
around the capacitive sensor components. Dry it thoroughly before any further testing is
conducted.
CAUTION:
If a PCB is reworked in any way, it is almost guaranteed that the behavior
of the no-clean flux will change. This can mean that the flux changes from an inert
material to one that can absorb moisture and dramatically affect capacitive
measurements due to additional leakage currents. If so, the circuit can become
erratic and exhibit poor environmental stability.


Similar Part No. - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
   Four-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1040

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT240-ISSG QUANTUM-QT240-ISSG Datasheet
277Kb / 12P
   4 KEY QTOUCH SENSOR IC
QT220 QUANTUM-QT220 Datasheet
326Kb / 12P
   2 KEY QTOUCH SENSOR IC
QT1103 QUANTUM-QT1103 Datasheet
287Kb / 22P
   QTOUCH??10-KEY SENSOR IC
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
logo
Quantum Research Group
QT1100A QUANTUM-QT1100A Datasheet
561Kb / 42P
   10 KEY QTOUCH SENSOR IC
QT1101 QUANTUM-QT1101 Datasheet
234Kb / 16P
   10 KEY QTOUCH SENSOR IC
QT1080 QUANTUM-QT1080 Datasheet
205Kb / 16P
   8 KEY QTOUCH SENSOR IC
QT1081 QUANTUM-QT1081 Datasheet
246Kb / 20P
   8-KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU Datasheet
713Kb / 50P
   QTouch 11-key Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com