Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F482BPMC Datasheet(PDF) 107 Page - fujitsu semiconductor

Part # MB90F482BPMC
Description  16-bit Microcontroller
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90F482BPMC Datasheet(HTML) 107 Page - fujitsu semiconductor

Back Button MB90F482BPMC Datasheet HTML 103Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 104Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 105Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 106Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 107Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 108Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 109Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 110Page - fujitsu semiconductor MB90F482BPMC Datasheet HTML 111Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 124 page
background image
MB90480B/485B Series
DS07-13722-11E
107
(14) Trigger Input Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
(15) Up-down Counter Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to + 85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Input pulse width
tTRGH
tTRGL
ADTG,
IRQ0 to IRQ7
⎯
5 tCP*
⎯
ns
Normal operation
1
⎯μs
Stop mode
Parameter
Symbol
Pin name
Conditions
Value
Unit
Min
Max
AIN input “H” pulse width
tAHL
AIN0, AIN1,
BIN0, BIN1
Load
conditions
80 pF
8 tCP*
⎯
ns
AIN input “L” pulse width
tALL
8 tCP*
⎯
ns
BIN input “H” pulse width
tBHL
8 tCP*
⎯
ns
BIN input “L” pulse width
tBLL
8 tCP*
⎯
ns
AIN
↑→ BIN↑ time
tAUBU
4 tCP*
⎯
ns
BIN
↑→ AIN↓ time
tBUAD
4 tCP*
⎯
ns
AIN
↓→ BIN↑ time
tADBD
4 tCP*
⎯
ns
BIN
↓→ AIN↑ time
tBDAU
4 tCP*
⎯
ns
BIN
↑→ AIN↑ time
tBUAU
4 tCP*
⎯
ns
AIN
↑→ BIN↓ time
tAUBD
4 tCP*
⎯
ns
BIN
↓→ AIN↑ time
tBDAD
4 tCP*
⎯
ns
AIN
↓→ BIN↑ time
tADBU
4 tCP*
⎯
ns
ZIN input “H” pulse width
tZHL
ZIN0, ZIN1
4 tCP*
⎯
ns
ZIN input “L” pulse width
tZLL
4 tCP*
⎯
ns
0.8 VCC
IRQ0 to IRQ7
ADTG
0.8 VCC
0.2 VCC
0.2 VCC
tTRGH
tTRGL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com