Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ16GA Datasheet(PDF) 105 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 105 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 101Page - Microchip Technology PIC24FJ16GA Datasheet HTML 102Page - Microchip Technology PIC24FJ16GA Datasheet HTML 103Page - Microchip Technology PIC24FJ16GA Datasheet HTML 104Page - Microchip Technology PIC24FJ16GA Datasheet HTML 105Page - Microchip Technology PIC24FJ16GA Datasheet HTML 106Page - Microchip Technology PIC24FJ16GA Datasheet HTML 107Page - Microchip Technology PIC24FJ16GA Datasheet HTML 108Page - Microchip Technology PIC24FJ16GA Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 103
PIC24FJ64GA004 FAMILY
9.5
Peripheral Pin Select Registers
The PIC24FJ64GA004 family of devices implements a
total of 27 registers for remappable peripheral
configuration:
• Input Remappable Peripheral Registers (14)
• Output Remappable Peripheral Registers (13)
Note:
Input and output register values can only
be changed if OSCCON<IOLOCK> = 0.
See Section 9.4.4.1 “Control Register
Lock” for a specific command sequence.
REGISTER 9-1:
RPINR0: PERIPHERAL PIN SELECT INPUT REGISTER 0
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
INT1R4
INT1R3
INT1R2
INT1R1
INT1R0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-13
Unimplemented: Read as ‘0’
bit 12-8
INT1R4:INT1R0: Assign External Interrupt 1 (INT1) to the Corresponding RPn Pin bits
bit 7-0
Unimplemented: Read as ‘0’
REGISTER 9-2:
RPINR1: PERIPHERAL PIN SELECT INPUT REGISTER 1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 15
bit 8
U-0
U-0
U-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
INT2R4
INT2R3
INT2R2
INT2R1
INT2R0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-5
Unimplemented: Read as ‘0’
bit 4-0
INT2R4:INT2R0: Assign External Interrupt 2 (INT2) to the Corresponding RPn Pin bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com