Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

910GL Datasheet(PDF) 205 Page - Intel Corporation

Part # 910GL
Description  Express Chipset
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

910GL Datasheet(HTML) 205 Page - Intel Corporation

Back Button 910GL Datasheet HTML 201Page - Intel Corporation 910GL Datasheet HTML 202Page - Intel Corporation 910GL Datasheet HTML 203Page - Intel Corporation 910GL Datasheet HTML 204Page - Intel Corporation 910GL Datasheet HTML 205Page - Intel Corporation 910GL Datasheet HTML 206Page - Intel Corporation 910GL Datasheet HTML 207Page - Intel Corporation 910GL Datasheet HTML 208Page - Intel Corporation 910GL Datasheet HTML 209Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 426 page
background image
System Address Map
R
Datasheet
205
11
System Address Map
The (G)MCH supports 4 GB of addressable memory space (see Figure 11-1) and 64 KB+3 bytes
of addressable I/O space. A programmable memory address space under the 1-MB region is
divided into regions that can be individually controlled with programmable attributes such as
disable, read/write, write only, or read only. This section focuses on how the memory space is
partitioned and what the separate memory regions are used for. I/O address space has simpler
mapping and is explained near the end of this section.
Note:
Address mapping information for the Integrated Graphics Device applies to the
82915G/82915GV/82915GL/82910GL GMCH only. The 82915P/82915PL MCH does not have
an IGD.
Note:
Address mapping information for the PCI Express Device applies to the
82915G/82915P/82915PL (G)MCH only. The 82915GV/82915GL/82910GL GMCH does not
support PCI Express.
Addressing of memory ranges larger than 4 GB is not supported. The HREQ[4:3] FSB pins are
decoded to determine whether the access is above or below 4 GB.
The (G)MCH does not support the PCI Dual Address Cycle (DAC) Mechanism, PCI Express
64-bit prefetchable memory transactions, or any other addressing mechanism that allows
addressing of greater than 4 GB on either the DMI or PCI Express interface. The (G)MCH does
not limit system memory space in hardware. There is no hardware lock to stop someone from
inserting more memory than is addressable.
In the following sections, it is assumed that all of the compatibility memory ranges reside on the
DMI. The exception to this rule is VGA ranges that may be mapped to PCI Express, DMI, or to
the internal graphics device (IGD). In the absence of more specific references, cycle descriptions
referencing PCI should be interpreted as the DMI/PCI, while cycle descriptions referencing PCI
Express or IGD are related to the PCI Express bus or the internal graphics device respectively.
The (G)MCH does not remap APIC or any other memory spaces above TOLUD (Top of Low
Usable DRAM). The TOLUD register is set to the appropriate value by BIOS.
The Address Map includes a number of programmable ranges:
• Device 0
⎯ EPBAR – Egress port registers. Necessary for setting up VC1 as an isochronous channel
using time based weighted round robin arbitration. (4-KB window)
⎯ MCHBAR – Memory mapped range for internal (G)MCH registers. For example,
memory buffer register controls. (16-KB window)
⎯ PCIEXBAR – Flat memory-mapped address space to access device configuration
registers. This mechanism can be used to access PCI configuration space (0h–FFh) and
Extended configuration space (100h–FFFh) for PCI Express devices. This enhanced
configuration access mechanism is defined in the PCI Express specification. (256-MB
window)
⎯ DMIBAR –This window is used to access registers associated with the (G)MCH/ICH6
(DMI) register memory range. (4-KB window)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com