| Electronic Components Datasheet Search |
|
910GL Datasheet(PDF) 215 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
910GL Datasheet(HTML) 215 Page - Intel Corporation |
|
215 / 426 page ![]() System Address Map R Datasheet 215 11.3.5 PCI Express* Configuration Address Space (Intel ® 82915G/82915P Only) A configuration register defines the base address for the 256-MB block of addresses below top of addressable memory (4 GB) for the configuration space associated with all devices and functions that are potentially a part of the PCI Express root complex hierarchy. This range will be aligned to a 256-MB boundary. BIOS must assign this address range such that it will not conflict with any other address ranges. 11.3.6 PCI Express* Graphics Attach (Intel ® 82915G/82915P Only) The (G)MCH can be programmed to direct memory accesses to the PCI Express interface when addresses are within either of two programmed ranges specified via registers in the (G)MCH’s Device 1 configuration space. • The first range is controlled via the Memory Base Register (MBASE) and Memory Limit Register (MLIMIT) registers. • The second range is controlled via the Prefetchable Memory Base (PMBASE) and Prefetchable Memory Limit (PMLIMIT) registers. The (G)MCH positively decodes memory accesses to PCI Express memory address space as defined by the following equations: Memory_Base_Address ≤ Address ≤ Memory_Limit_Address Prefetchable_Memory_Base_Address ≤ Address ≤ Prefetchable_Memory_Limit_Address It is essential to support a separate Prefetchable range to apply USWC attribute (from the processor point of view) to that range. The USWC attribute is used by the processor for write combining. Note: The programmable ranges are used to allocate memory address space for any PCI Express devices sitting on PCI Express that require such a window. The PCICMD1 register can override the routing of memory accesses to PCI Express. In other words, the memory access enable bit must be set in the device 1 PCICMD1 register to enable the memory base/limit and prefetchable base/limit windows. 11.3.7 AGP DRAM Graphics Aperture Unlike AGP4x, PCI Express has no concept of aperture for PCI Express devices. As a result, there is no need to translate addresses from PCI Express. Therefore, the (G)MCH has no APBASE and APSIZE registers. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |