Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXP46X Datasheet(PDF) 105 Page - Intel Corporation

Part # IXP46X
Description  Product Line of Network Processors
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXP46X Datasheet(HTML) 105 Page - Intel Corporation

Back Button IXP46X Datasheet HTML 101Page - Intel Corporation IXP46X Datasheet HTML 102Page - Intel Corporation IXP46X Datasheet HTML 103Page - Intel Corporation IXP46X Datasheet HTML 104Page - Intel Corporation IXP46X Datasheet HTML 105Page - Intel Corporation IXP46X Datasheet HTML 106Page - Intel Corporation IXP46X Datasheet HTML 107Page - Intel Corporation IXP46X Datasheet HTML 108Page - Intel Corporation IXP46X Datasheet HTML 109Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 148 page
background image
Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
August 2006
Datasheet
Document Number: 306261-004US
105
Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors
5.2.3
VCCPLL3 Requirement
A parallel combination of a 10-nF capacitor (for bypass) and a 200-nF capacitor (for a
first-order filter with a cut-off frequency below 30 MHz) must be connected to the
VCCPLL3 pin of the IXP45X/IXP46X network processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both
capacitors should be located less than 0.5 inch away from the VCCPLL3 pin and the
associated VSS pin. In order to achieve the 200-nF capacitance, a parallel combination
of two 100-nF capacitors may be used as long as the capacitors are placed directly
beside each other.
5.2.4
OSC_VCCP Requirement
A single, 170-nF capacitor must be connected between the OSC_VCCP pin and
OSC_VSSP pin of the IXP45X/IXP46X network processors. This capacitor value provides
both bypass and filtering.
When 170 nF is an inconvenient size, capacitor values between 150 nF to 200 nF can
be used with little adverse effects, assuming that the effective series resistance of the
200-nF capacitor is under 50 mΩ.
In order to achieve a 200-nF capacitance, a parallel combination of two 100-nF
capacitors may be used as long as the capacitors are placed directly beside each other.
OSC_VSSP is made up with two pins, AE11 and AE12. Ensure that both pins are
connected as shown in Figure 12.
Figure 10.
VCCPLL2 Power Filtering Diagram
Vc c
10 n F
V SS
V CC P L L 2
1 00 nF
1 00 nF
V SS
In te l®
I XP4 5 X / I XP4 6 X
Ne t w o r k
P r o c e sso r s
Figure 11.
VCCPLL3 Power Filtering Diagram
Vc c
In t e l®
IX P 45X /I X P 46X
Ne tw o r k
P r oc es s o r s
10 nF
V SS
V CCP L L 3
100 nF
100 nF
V SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com