| Electronic Components Datasheet Search |
|
IXP46X Datasheet(PDF) 145 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP46X Datasheet(HTML) 145 Page - Intel Corporation |
|
145 / 148 page ![]() Intel® IXP45X and Intel® IXP46X Product Line of Network Processors August 2006 Datasheet Document Number: 306261-004US 145 Datasheet—Intel® IXP45X and Intel® IXP46X Product Line of Network Processors • Followed by proper resetting of PWRON_RST_N and RESET_IN_N signals as described in Section 5.6.3.4, “Reset Timings” on page 146 The following procedural sequence must be followed to achieve a successful cold reset: 1. VCC and VCC33 power supplies must reach steady state 2. Hold PWRON_RST_N and RESET_IN_N asserted for 2000nSec 3. De-assert PWRON_RST_N (signal goes high with the help of a pull-up resistor) 4. Continue to hold RESET_IN_N asserted for at least 10nSec more after releasing PWRON_RST_N 5. De-assert RESET_IN_N (signal goes high with the help of a pull-up resistor) 6. The network processor asserts PLL_LOCK indicating that the processor has successfully come out of Reset 5.6.3.2 Hardware Warm Reset A Hardware Warm Reset can only be asserted when PWRON_RST_N is de-asserted and the network processor is in a normal operating mode. A Hardware Warm Reset is initiated by the assertion of RESET_IN_N. During this state, all internal registers and modules are set to their initial default state except for the PLL internal modules. Since the PLL modules are not reset, the Reset sequence is executed much faster by the processor. The following procedural sequence must be followed to achieve a successful Warm Reset: 1. The system must have previously completed a Cold Reset successfully. 2. PWRON_RST_N must be de-asserted (held high for the entire process). 3. Hold RESET_IN_N asserted for 500nSec. 4. De-assert RESET_IN_N (signal goes high with the help of a pull-up resistor) 5. The network processor asserts PLL_LOCK indicating that the processor has successfully come out of reset. 5.6.3.3 Soft Reset A Soft Reset condition is accomplished by the usage of the hardware Watch-Dog Timer module, and software to manage and perform counter updates. For a complete description of Watch-Dog Timer functionality, refer to Watchdog Timer Operation sub- section in the Operating System Timer Chapter of the Intel® IXP45X and Intel® IXP46X Product Line of Network Processors Developer’s Manual. The Soft Reset is similar to what is described in Section 5.6.3.2. The main difference is that there is no hardware requirement; everything is done within the network processor and software support. That is why it is also referred to as a Soft Warm Reset. Since Hardware Warm Reset and Soft Reset are very similar, there must be a way to determine which reset was last executed after recovering. This is done by reading the Timer Status Register bit 4 (Warm Reset). If this bit was last set to 1, it will indicate that a Soft Reset was executed, and if the bit was last reset to 0, then it will indicate that the processor has just come out of either a Hardware Warm Reset or a Cold Reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |