Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F50X Datasheet(PDF) 49 Page - Silicon Laboratories

Part # C8051F50X
Description  Mixed Signal ISP Flash MCU Family
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 49 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 45Page - Silicon Laboratories C8051F50X Datasheet HTML 46Page - Silicon Laboratories C8051F50X Datasheet HTML 47Page - Silicon Laboratories C8051F50X Datasheet HTML 48Page - Silicon Laboratories C8051F50X Datasheet HTML 49Page - Silicon Laboratories C8051F50X Datasheet HTML 50Page - Silicon Laboratories C8051F50X Datasheet HTML 51Page - Silicon Laboratories C8051F50X Datasheet HTML 52Page - Silicon Laboratories C8051F50X Datasheet HTML 53Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 312 page
background image
Rev. 1.1
49
C8051F50x-F51x
Table 5.9. ADC0 Electrical Characteristics
VDDA = 1.8 to 2.75 V, –40 to +125 °C, VREF = 1.5 V (REFSL=0) unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
DC Accuracy
Resolution
12
bits
Integral Nonlinearity
±0.5
±3
LSB
Differential Nonlinearity
Guaranteed Monotonic
±0.5
±1
LSB
Offset Error1
–10
–1.8
10
LSB
Full Scale Error
–20
1.7
20
LSB
Offset Temperature Coefficient
–2
ppm/°C
Dynamic performance (10 kHz sine-wave single-ended input, 1 dB below Full Scale, 200 ksps)
Signal-to-Noise Plus Distortion
63
66
dB
Total Harmonic Distortion
Up to the 5th harmonic
82
dB
Spurious-Free Dynamic Range
–84
dB
Conversion Rate
SAR Conversion Clock
3.6
MHz
Conversion Time in SAR Clocks2
13
clocks
Track/Hold Acquisition Time3
VDDA > 2.0 V
VDDA < 2.0 V
1.5
3.5
µs
Throughput Rate4
VDDA > 2.0 V
200
ksps
Analog Inputs
ADC Input Voltage Range5
gain = 1.0 (default)
gain = n
0
0
VREF
VREF/n
V
Absolute Pin Voltage with
Respect to GND
0
VIO
V
Sampling Capacitance
32
pF
Input Multiplexer Impedance
3
k
Power Specifications
Power Supply Current
(VDDA supplied to ADC0)
Operating Mode, 200 ksps
1100
1500
µA
Burst Mode (Idle)
1100
1500
µA
Power-On Time
5
µs
Power Supply Rejection Ratio
-60
dB
Notes:
1. Represents one standard deviation from the mean. Offset and full-scale error can be removed
through calibration.
2.
An additional 2 FCLK cycles are required to start and complete a conversion
3.
Additional tracking time may be required depending on the output impedance connected to the ADC input.
See Section “
6.2.1. Settling Time Requirements” on page 57.
4.
An increase in tracking time will decrease the ADC throughput.
5.
See Section “
6.3. Selectable Gain” on page 58 for more information about the setting the gain.


Similar Part No. - C8051F50X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com