Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F50X Datasheet(PDF) 91 Page - Silicon Laboratories

Part # C8051F50X
Description  Mixed Signal ISP Flash MCU Family
PDF  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 91 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 87Page - Silicon Laboratories C8051F50X Datasheet HTML 88Page - Silicon Laboratories C8051F50X Datasheet HTML 89Page - Silicon Laboratories C8051F50X Datasheet HTML 90Page - Silicon Laboratories C8051F50X Datasheet HTML 91Page - Silicon Laboratories C8051F50X Datasheet HTML 92Page - Silicon Laboratories C8051F50X Datasheet HTML 93Page - Silicon Laboratories C8051F50X Datasheet HTML 94Page - Silicon Laboratories C8051F50X Datasheet HTML 95Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 312 page
background image
Rev. 1.1
91
C8051F50x-F51x
SETB C
Set Carry
1
1
SETB bit
Set direct bit
2
2
CPL C
Complement Carry
1
1
CPL bit
Complement direct bit
2
2
ANL C, bit
AND direct bit to Carry
2
2
ANL C, /bit
AND complement of direct bit to Carry
2
2
ORL C, bit
OR direct bit to carry
2
2
ORL C, /bit
OR complement of direct bit to Carry
2
2
MOV C, bit
Move direct bit to Carry
2
2
MOV bit, C
Move Carry to direct bit
2
2
JC rel
Jump if Carry is set
2
2/(4-6)*
JNC rel
Jump if Carry is not set
2
2/(4-6)*
JB bit, rel
Jump if direct bit is set
3
3/(5-7)*
JNB bit, rel
Jump if direct bit is not set
3
3/(5-7)*
JBC bit, rel
Jump if direct bit is set and clear bit
3
3/(5-7)*
Program Branching
ACALL addr11
Absolute subroutine call
2
4-6*
LCALL addr16
Long subroutine call
3
5-7*
RET
Return from subroutine
1
6-8*
RETI
Return from interrupt
1
6-8*
AJMP addr11
Absolute jump
2
4-6*
LJMP addr16
Long jump
3
5-7*
SJMP rel
Short jump (relative address)
2
4-6*
JMP @A+DPTR
Jump indirect relative to DPTR
1
3-5*
JZ rel
Jump if A equals zero
2
2/(4-6)*
JNZ rel
Jump if A does not equal zero
2
2/(4-6)*
CJNE A, direct, rel
Compare direct byte to A and jump if not equal
3
4/(6-8)*
CJNE A, #data, rel
Compare immediate to A and jump if not equal
3
3/(6-8)*
CJNE Rn, #data, rel
Compare immediate to Register and jump if not
equal
3
3/(5-7)*
CJNE @Ri, #data, rel
Compare immediate to indirect and jump if not
equal
3
4/(6-8)*
DJNZ Rn, rel
Decrement Register and jump if not zero
2
2/(4-6)*
DJNZ direct, rel
Decrement direct byte and jump if not zero
3
3/(5-7)*
NOP
No operation
1
1
Table 11.1. CIP-51 Instruction Set Summary (Prefetch-Enabled) (Continued)
Mnemonic
Description
Bytes
Clock
Cycles
Note:
Certain instructions take a variable number of clock cycles to execute depending on instruction alignment and
the FLRT setting (SFR Definition 15.3).


Similar Part No. - C8051F50X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com