Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F50X Datasheet(PDF) 16 Page - Silicon Laboratories

Part # C8051F50X
Description  Mixed Signal ISP Flash MCU Family
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 16 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 12Page - Silicon Laboratories C8051F50X Datasheet HTML 13Page - Silicon Laboratories C8051F50X Datasheet HTML 14Page - Silicon Laboratories C8051F50X Datasheet HTML 15Page - Silicon Laboratories C8051F50X Datasheet HTML 16Page - Silicon Laboratories C8051F50X Datasheet HTML 17Page - Silicon Laboratories C8051F50X Datasheet HTML 18Page - Silicon Laboratories C8051F50X Datasheet HTML 19Page - Silicon Laboratories C8051F50X Datasheet HTML 20Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 312 page
background image
C8051F50x-F51x
16
Rev. 1.1
1. System Overview
C8051F50x-F51x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features
are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.
High-speed pipelined 8051-compatible microcontroller core (up to 50 MIPS)
In-system, full-speed, non-intrusive debug interface (on-chip)
Controller Area Network (CAN 2.0B) Controller with 32 message objects, each with its own indentifier
mask (C8051F500/2/4/6/8-F510)
LIN 2.1 peripheral (fully backwards compatible, master and slave modes) (C8051F500/2/4/6/8-F510)
True 12-bit 200 ksps 32-channel single-ended ADC with analog multiplexer
Precision programmable 24 MHz internal oscillator that is within ±0.5% across the operating range and
temperature
On-chip Clock Multiplier to reach up to 50 MHz
64 kB (C8051F500/1/2/3/8/9) or 32 kB (C8051F504/5/6/7-F510/1) of on-chip Flash memory
4352 bytes of on-chip RAM
SMBus/I2C, Enhanced UART, and Enhanced SPI serial interfaces implemented in hardware
Four general-purpose 16-bit timers
External Data Memory Interface (C8051F500/1/4/5 and C8051F508/9-F510/1) with 64 kB address
space
Programmable Counter/Timer Array (PCA) with six capture/compare modules and Watchdog Timer
function
On-chip Voltage Regulator
On-chip Power-On Reset, VDD Monitor, and Temperature Sensor
On-chip Voltage Comparator
40, 33, or 25 Port I/O (5 V push-pull)
With on-chip Voltage Regulator, Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the
C8051F50x-F51x devices are truly stand-alone System-on-a-Chip solutions. The Flash memory can be
reprogrammed even in-circuit, providing non-volatile data storage, and also allowing field upgrades of the
8051 firmware. User software has complete control of all peripherals, and may individually shut down any
or all peripherals for power savings.
The on-chip Silicon Labs 2-Wire (C2) Development Interface allows non-intrusive (uses no on-chip
resources), full speed, in-circuit debugging using the production MCU installed in the final application. This
debug logic supports inspection and modification of memory and registers, setting breakpoints, single
stepping, run and halt commands. All analog and digital peripherals are fully functional while debugging
using C2. The two C2 interface pins can be shared with user functions, allowing in-system debugging with-
out occupying package pins.
The devices are specified for 1.8 V to 5.25 V operation over the automotive temperature range (–40 to
+125 °C). The Port I/O and RST pins can interface to 5 V logic by setting the VIO pin to 5 V. The
C8051F500/1/4/5 devices are available in 48-pin QFP and QFN packages, the C8051F508/9-F510/1 are
available in 40-pin QFN packages, and the C8051F502/3/6/7 devices are available in 32-pin QFP and
QFN packages. All package options are lead-free and RoHS compliant. See Table 2.1 for ordering infor-
mation. Block diagrams are included in Figure 1.1, Figure 1.2, and Figure 1.3.


Similar Part No. - C8051F50X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com