Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F50X Datasheet(PDF) 42 Page - Silicon Laboratories

Part # C8051F50X
Description  Mixed Signal ISP Flash MCU Family
Download  312 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F50X Datasheet(HTML) 42 Page - Silicon Laboratories

Back Button C8051F50X Datasheet HTML 38Page - Silicon Laboratories C8051F50X Datasheet HTML 39Page - Silicon Laboratories C8051F50X Datasheet HTML 40Page - Silicon Laboratories C8051F50X Datasheet HTML 41Page - Silicon Laboratories C8051F50X Datasheet HTML 42Page - Silicon Laboratories C8051F50X Datasheet HTML 43Page - Silicon Laboratories C8051F50X Datasheet HTML 44Page - Silicon Laboratories C8051F50X Datasheet HTML 45Page - Silicon Laboratories C8051F50X Datasheet HTML 46Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 312 page
background image
C8051F50x-F51x
42
Rev. 1.1
IDD
4
VDD = 2.6 V, F = 200 kHz
130
µA
VDD = 2.6 V, F = 1.5 MHz
990
µA
VDD = 2.6 V, F = 25 MHz
14
21
mA
VDD = 2.6 V, F = 50 MHz
25
33
mA
IDD Supply Sensitivity
4
F = 25 MHz
68
%/V
F = 1 MHz
73
%/V
IDD Frequency Sensitivity
4,5
VDD = 2.1V, F < 12.5 MHz, T = 25 °C
0.46
mA/MHz
VDD = 2.1V, F > 12.5 MHz, T = 25 °C
0.36
mA/MHz
VDD = 2.6V, F < 12.5 MHz, T = 25 °C
0.64
mA/MHz
VDD = 2.6V, F > 12.5 MHz, T = 25 °C
0.47
mA/MHz
Table 5.2. Global Electrical Characteristics (Continued)
–40 to +125 °C, 24 MHz system clock unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Notes:
1.
Given in Table 5.4 on page 46.
2.
VIO should not be lower than the VDD voltage.
3.
SYSCLK must be at least 32 kHz to enable debugging.
4.
Based on device characterization data; Not production tested. Does not include oscillator supply current.
5.
IDD can be estimated for frequencies
< 12.5 MHz by simply multiplying the frequency of interest by the
frequency sensitivity number for that range. When using these numbers to estimate IDD for >12.5 MHz, the
estimate should be the current at 50 MHz minus the difference in current indicated by the frequency
sensitivity number. For example: VDD = 2.6 V; F = 20 MHz, IDD = 26 mA - (50 MHz -
20 MHz) * 0.48 mA/MHz = 11.6 mA.
6.
Idle IDD can be estimated for frequencies
< 1 MHz by simply multiplying the frequency of interest by the
frequency sensitivity number for that range. When using these numbers to estimate Idle IDD for >1 MHz, the
estimate should be the current at 50 MHz minus the difference in current indicated by the frequency
sensitivity number.
For example: VDD = 2.6 V; F = 5 MHz, Idle IDD = 21 mA – (50 MHz – 5 MHz) x 0.41 mA/MHz = 2.6 mA.


Similar Part No. - C8051F50X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X_11 Datasheet
2Mb / 313P
   Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F50X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8051F300 ETC-C8051F300 Datasheet
3Mb / 174P
   Mixed Signal ISP Flash MCU Family
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
   Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
   Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
   Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
   Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
   Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
   Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
   Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
   Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com