Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB014N04LX3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSB014N04LX3G
Description  OptiMOS3 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB014N04LX3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSB014N04LX3G Datasheet HTML 1Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 2Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 3Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 4Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 5Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 6Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 7Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 8Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
BSB014N04LX3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS≥10 V
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10
2
10
1
10
0
10
-1
10
3
10
2
10
1
10
0
10
-1
V DS [V]
limited by on-state
resistance
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10
0
10
-1
10
-2
10
-3
10
-4
10
-5
10
-6
10
1
10
0
10
-1
10
-2
10
-3
t p [s]
0
10
20
30
40
50
60
70
80
90
100
0
40
80
120
160
T C [°C]
0
40
80
120
160
200
0
40
80
120
160
T C [°C]
Rev. 2.0
page 4
2009-05-11


Similar Part No. - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
BSB014N04LX3G INFINEON-BSB014N04LX3G_11 Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
More results

Similar Description - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF024N03LT3G INFINEON-BSF024N03LT3G Datasheet
297Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-06-16
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
BSC190N12NS3G INFINEON-BSC190N12NS3G Datasheet
440Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-30
BSC067N06LS3G INFINEON-BSC067N06LS3G Datasheet
328Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
IPA105N15N3G INFINEON-IPA105N15N3G Datasheet
555Kb / 9P
   OptiMOS3 Power-Transistor
2009-12-15 revision:2.1
IPB065N15N3G INFINEON-IPB065N15N3G Datasheet
643Kb / 9P
   OptiMOS3 Power-Transistor
2010-01-25 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com