Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB014N04LX3G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSB014N04LX3G
Description  OptiMOS3 Power-MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB014N04LX3G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button BSB014N04LX3G Datasheet HTML 3Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 4Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 5Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 6Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 7Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 8Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 9Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 10Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
BSB014N04LX3 G
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 Ω
V GS=f(Q gate); I D=30 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20
25
30
35
40
45
-60
-20
20
60
100
140
180
T j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
1
10
100
1
10
100
1000
t AV [µs]
8 V
20 V
32 V
0
2
4
6
8
10
12
0
40
80
120
160
Q gate [nC]
Rev. 2.0
page 7
2009-05-11


Similar Part No. - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
1Mb / 13P
n-Channel Power MOSFET
2.3, 2011-05-24
BSB014N04LX3G INFINEON-BSB014N04LX3G_11 Datasheet
1Mb / 13P
n-Channel Power MOSFET
2.3, 2011-05-24
More results

Similar Description - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC067N06LS3G INFINEON-BSC067N06LS3G Datasheet
328Kb / 9P
OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
BSF024N03LT3G INFINEON-BSF024N03LT3G Datasheet
297Kb / 11P
OptiMOS3 Power-MOSFET
Rev. 2.0 2009-06-16
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC190N12NS3G INFINEON-BSC190N12NS3G Datasheet
440Kb / 10P
OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-30
IPA105N15N3G INFINEON-IPA105N15N3G Datasheet
555Kb / 9P
OptiMOS3 Power-Transistor
2009-12-15 revision:2.1
IPB065N15N3G INFINEON-IPB065N15N3G Datasheet
643Kb / 9P
OptiMOS3 Power-Transistor
2010-01-25 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com