Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB014N04LX3G Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSB014N04LX3G
Description  OptiMOS3 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB014N04LX3G Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSB014N04LX3G Datasheet HTML 1Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 2Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 3Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 4Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 5Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 6Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 7Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 8Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BSB014N04LX3 G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
89
W
T A=25 °C,
R thJA=45 K/W
2.8
Operating and storage temperature
T j, T stg
-40 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
1
-
K/W
top
-
-
1.4
Device on PCB
R thJA
6 cm
2 cooling area5)
--
45
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
40
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1.2
-
2
Zero gate voltage drain current
I DSS
V DS=40 V, V GS=0 V,
T j=25 °C
-
0.1
10
µA
V DS=40 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=25 A
-
1.6
2
m
V GS=10 V, I D=30 A
-
1.2
1.4
Gate resistance
R G
0.2
0.5
1.0
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
65
130
-
S
Value
Values
5) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 2.0
page 2
2009-05-11


Similar Part No. - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
BSB014N04LX3G INFINEON-BSB014N04LX3G_11 Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
More results

Similar Description - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF024N03LT3G INFINEON-BSF024N03LT3G Datasheet
297Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-06-16
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
BSC190N12NS3G INFINEON-BSC190N12NS3G Datasheet
440Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-30
BSC067N06LS3G INFINEON-BSC067N06LS3G Datasheet
328Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
IPA105N15N3G INFINEON-IPA105N15N3G Datasheet
555Kb / 9P
   OptiMOS3 Power-Transistor
2009-12-15 revision:2.1
IPB065N15N3G INFINEON-IPB065N15N3G Datasheet
643Kb / 9P
   OptiMOS3 Power-Transistor
2010-01-25 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com