Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSF024N03LT3G Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSF024N03LT3G
Description  OptiMOS3 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSF024N03LT3G Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSF024N03LT3G Datasheet HTML 1Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 2Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 3Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 4Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 5Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 6Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 7Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 8Page - Infineon Technologies AG BSF024N03LT3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
BSF024N03LT3 G
OptiMOSTM3 Power-MOSFET
Features
• Optimized for high switching frequency DC/DC converter
• Very low on-resistance R DS(on)
• Excellent gate charge x R DS(on) product (FOM)
• Low parasitic inductance
• Low profile (<0.7 mm)
• 100% avalanche tested
• 100% Rg Tested
• Double-sided cooling
• Pb-free plating; RoHS compliant
• Compatible with DirectFET® package ST footprint and outline
1)
• Qualified according to JEDEC
2) for target applications
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
106
A
V GS=10 V, T C=100 °C
67
V GS=10 V, T A=25 °C,
R thJA=58 K/W
2)
15
Pulsed drain current
3)
I D,pulse
T C=25 °C
400
Avalanche current, single pulse
4)
I AS
T C=25 °C
40
Avalanche energy, single pulse
E AS
I D=40 A, R GS=25 Ω
125
mJ
Gate source voltage
V GS
±20
V
4) See figure 13 for more detailed information
Value
1) CanPAKTM uses DirectFET ® technology licensed from International Rectifier Corporation. DirectFET® is a registered
trademark of International Rectifier Corporation.
2) J-STD20 and JESD22
3) See figure 3 for more detailed information
V DS
30
V
R DS(on),max
2.4
m
I D
106
A
Product Summary
Type
Package
Outline
Marking
BSF024N03LT3 G
MG-WDSON-2
ST
0703
CanPAK
TM S
MG-WDSON-2
Rev. 2.0
page 1
2009-06-16


Similar Part No. - BSF024N03LT3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSF030NE2LQ INFINEON-BSF030NE2LQ Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18
BSF035NE2LQ INFINEON-BSF035NE2LQ Datasheet
910Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 1.3 2013-09-20
BSF045N03MQ3G INFINEON-BSF045N03MQ3G Datasheet
611Kb / 11P
   Power-MOSFET
2008-11-12 revision:1.0
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
More results

Similar Description - BSF024N03LT3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
BSC190N12NS3G INFINEON-BSC190N12NS3G Datasheet
440Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-30
BSC067N06LS3G INFINEON-BSC067N06LS3G Datasheet
328Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.2 2010-08-31
IPA105N15N3G INFINEON-IPA105N15N3G Datasheet
555Kb / 9P
   OptiMOS3 Power-Transistor
2009-12-15 revision:2.1
IPB065N15N3G INFINEON-IPB065N15N3G Datasheet
643Kb / 9P
   OptiMOS3 Power-Transistor
2010-01-25 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com