Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42644 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE42644
Description  Low Dropout Fixed Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42644 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE42644 Datasheet HTML 3Page - Infineon Technologies AG TLE42644 Datasheet HTML 4Page - Infineon Technologies AG TLE42644 Datasheet HTML 5Page - Infineon Technologies AG TLE42644 Datasheet HTML 6Page - Infineon Technologies AG TLE42644 Datasheet HTML 7Page - Infineon Technologies AG TLE42644 Datasheet HTML 8Page - Infineon Technologies AG TLE42644 Datasheet HTML 9Page - Infineon Technologies AG TLE42644 Datasheet HTML 10Page - Infineon Technologies AG TLE42644 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
7
Rev. 1.01, 2009-09-30
TLE42644
Electrical Characteristics
5
Electrical Characteristics
5.1
Electrical Characteristics Voltage Regulator
Electrical Characteristics
V
I =13.5 V; T
j = -40 °C to 150 °C; all voltages with respect to ground (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Measuring Condition
Min.
Typ.
Max.
Output Q
5.1.1
Output Voltage
V
Q
4.9
5.0
5.1
V
5 mA < IQ<50mA
6V< VI <16V
5.1.2
4.85
5.0
5.15
V
5 mA < IQ<100 mA
6V< VI <21V
5.1.3
Output Voltage At Low Output
Currents
V
Q
4.80
5.0
5.20
V
100 µA < IQ<5 mA
6V< VI <21V
5.1.4
Dropout Voltage
V
dr
–220
500
mV
IQ =100 mA
Vdr = VI – VQ
1)
5.1.5
Load Regulation
VQ, lo
5090mV
IQ = 1 mA to 100 mA
V
I =13.5 V
5.1.6
Line Regulation
VQ, li
–530
mV
Vl = 6 V to 28 V
IQ =1mA
5.1.7
Output Current Limitation
I
Q
150
200
500
mA
1)
1) Measured when the output voltage
V
Q has dropped 100 mV from the nominal value obtained at VI = 13.5 V.
5.1.8
Power Supply Ripple Rejection2)
2) not subject to production test, specified by design
PSRR
–68
dB
fr =100 Hz; Vr =0.5 Vpp
5.1.9
Overtemperature Shutdown
Threshold2)
T
j,sd
151
200
°C
T
j increasing
5.1.10
Overtemperature Shutdown
Threshold Hysteresis2)
T
j,sdh
–25
°C
T
j decreasing
Current Consumption
5.1.11
Quiescent Current
Iq = II – IQ
I
q
–40
60
µA
IQ =100 µA, Tj <85°C
5.1.12
40
70
µA
IQ =100 µA
5.1.13
Current Consumption
Iq = II – IQ
I
q
–1.7
4mA
IQ =50mA


Similar Part No. - TLE42644

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42644 INFINEON-TLE42644 Datasheet
917Kb / 15P
   Very Low Dropout Voltage
TLE42644G INFINEON-TLE42644G Datasheet
9Mb / 27P
   EiceDRIVER™ enhanced 1EDI302xAS/1EDI303xAS evaluation board
Rev. 1.0 2020-12-18
TLE42644 INFINEON-TLE42644_14 Datasheet
917Kb / 15P
   Very Low Dropout Voltage
More results

Similar Description - TLE42644

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com