Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT100 Datasheet(PDF) 5 Page - Quantum Research Group

Part # QT100
Description  CHARGE-TRANSFER QTOUCH??IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT100 Datasheet(HTML) 5 Page - Quantum Research Group

  QT100 Datasheet HTML 1Page - Quantum Research Group QT100 Datasheet HTML 2Page - Quantum Research Group QT100 Datasheet HTML 3Page - Quantum Research Group QT100 Datasheet HTML 4Page - Quantum Research Group QT100 Datasheet HTML 5Page - Quantum Research Group QT100 Datasheet HTML 6Page - Quantum Research Group QT100 Datasheet HTML 7Page - Quantum Research Group QT100 Datasheet HTML 8Page - Quantum Research Group QT100 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2.5 Forced Sensor Recalibration
The QT100 has no recalibration pin; a forced
recalibration is accomplished when the device is
powered up or after the recalibration timeout.
However, supply drain is low so it is a simple
matter to treat the entire IC as a controllable load;
driving the QT100's VDD pin directly from another
logic gate or a microcontroller port will serve as
both power and 'forced recal'. The source
resistance of most CMOS gates and
microcontrollers are low enough to provide direct
power without problem.
2.6 Drift Compensation
Signal drift can occur because of changes in Cx
and Cs over time. It is crucial that drift be
compensated for, otherwise false detections,
nondetections, and sensitivity shifts will follow.
Drift compensation (Figure 2.5). is performed by making the
reference level track the raw signal at a slow rate, but only
while there is no detection in effect. The rate of adjustment
must be performed slowly, otherwise legitimate detections
could be ignored. The QT100 drift compensates using a
slew-rate limited change to the reference level; the threshold
and hysteresis values are slaved to this reference.
Once an object is sensed, the drift compensation mechanism
ceases since the signal is legitimately high, and therefore
should not cause the reference level to change.
The QT100's drift compensation is 'asymmetric'; the reference
level drift-compensates in one direction faster than it does in
the other. Specifically, it compensates faster for decreasing
signals than for increasing signals. Increasing signals should
not be compensated for quickly, since an approaching finger
could be compensated for partially or entirely before even
approaching the sense electrode. However, an obstruction
over the sense pad, for which the sensor has already made
full allowance, could suddenly be removed leaving the sensor
with an artificially elevated reference level and thus become
insensitive to touch. In this latter case, the sensor will
compensate for the object's removal very quickly, usually in
only a few seconds.
With large values of Cs and small values of Cx, drift
compensation will appear to operate more slowly than with the
converse. Note that the positive and negative drift
compensation rates are different.
2.7 Response Time
The QT100's response time is highly dependent on run mode
and burst length, which in turn is dependent on Cs and Cx.
With increasing Cs, response time slows, while increasing
levels of Cx reduce response time. The response time will
also be a lot slower in LP or SYNC mode due to a longer time
between burst measurements.
2.8 Spread Spectrum
The QT100 modulates its internal oscillator by ±7.5 percent
during the measurement burst. This spreads the generated
noise over a wider band reducing emission levels. This also
reduces susceptibility since there is no longer a single
fundamental burst frequency.
2.9 Output Features
2.9.1 Output
The output of the QT100 is active-high upon detection. The
output will remain active-high for the duration of the detection,
or until the Max On-duration expires, whichever occurs first. If
a Max On-duration timeout occurs first, the sensor performs a
full recalibration and the output becomes inactive (low) until
the next detection.
lQ
5
QT100_3R0.09_0707
Figure 2.5 Drift Compensation
Threshold
S ignal
H ysteresis
Reference
Output
Figure 2.7
Using a micro to obtain HeartBeat pulses in either output state
Figure 2.6
Getting HeartBeat pulses with a pull-up resistor
6
4
5
VDD
3
1
OUT
SNS
SYNC/MODE
SNSK
VSS
VDD
2
Ro
HeartBeat™ Pulses
Microcontroller
PORT _M .x
PORT _M .y
6
4
3
1
OU T
SN S
SY N C /M OD E
SN SK
Ro


Similar Part No. - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT100_3R0.08_0307 QUANTUM-QT100_3R0.08_0307 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
32 KEY QMATRIX CHARGE-TRANSFER IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
4-KEY CHARGE-TRANSFER IC
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
CHARGE-TRANSFER QLEVEL SENSOR IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
32-KEY QMATRIX CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT102 QUANTUM-QT102 Datasheet
178Kb / 18P
QTOUCH??TOGGLE-MODE CHARGE-TRANSFER IC WITH POWER MANAGEMENT FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com