Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QT100 Datasheet(PDF) 3 Page - Quantum Research Group

Part # QT100
Description  CHARGE-TRANSFER QTOUCH??IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUANTUM [Quantum Research Group]
Direct Link  http://www.qprox.com
Logo QUANTUM - Quantum Research Group

QT100 Datasheet(HTML) 3 Page - Quantum Research Group

  QT100 Datasheet HTML 1Page - Quantum Research Group QT100 Datasheet HTML 2Page - Quantum Research Group QT100 Datasheet HTML 3Page - Quantum Research Group QT100 Datasheet HTML 4Page - Quantum Research Group QT100 Datasheet HTML 5Page - Quantum Research Group QT100 Datasheet HTML 6Page - Quantum Research Group QT100 Datasheet HTML 7Page - Quantum Research Group QT100 Datasheet HTML 8Page - Quantum Research Group QT100 Datasheet HTML 9Page - Quantum Research Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1 Overview
1.1 Introduction
The QT100 is a digital burst mode charge-transfer (QT)
sensor designed specifically for touch controls; it includes all
hardware and signal processing functions necessary to
provide stable sensing under a wide variety of changing
conditions. Only a single low cost, noncritical capacitor is
required for operation.
Figure 1.1 shows a basic circuit using the device.
1.2 Basic Operation
The QT100 employs bursts of charge-transfer cycles to
acquire its signal. Burst mode permits power consumption in
the microamp range, dramatically reduces RF emissions,
lowers susceptibility to EMI, and yet permits excellent
response time. Internally the signals are digitally processed to
reject impulse noise, using a 'consensus' filter which requires
four consecutive confirmations of a detection before the output
is activated.
The QT switches and charge measurement hardware
functions are all internal to the QT100.
1.3 Electrode Drive
For optimum noise immunity, the electrode should only be
connected to SNSK.
In all cases the rule Cs >> Cx must be observed for proper
operation; a typical load capacitance (Cx) ranges from 5-20pF
while Cs is usually about 2-50nF.
Increasing amounts of Cx destroy gain, therefore it is
important to limit the amount of stray capacitance on both
SNS terminals. This can be done, for example, by minimizing
trace lengths and widths and keeping these traces away from
power or ground traces or copper pours.
The traces and any components associated with SNS and
SNSK will become touch sensitive and should be treated with
caution to limit the touch area to the desired location.
A series resistor, Rs, should be placed in line with SNSK to
the electrode to suppress ESD and EMC effects.
1.4 Sensitivity
1.4.1 Introduction
The sensitivity on the QT100 is a function of things like the
value of Cs, electrode size and capacitance, electrode shape
and orientation, the composition and aspect of the object to be
sensed, the thickness and composition of any overlaying
panel material, and the degree of ground coupling of both
sensor and object.
1.4.2 Increasing Sensitivity
In some cases it may be desirable to increase sensitivity; for
example, when using the sensor with very thick panels having
a low dielectric constant. Sensitivity can often be increased by
using a larger electrode or reducing panel thickness.
Increasing electrode size can have diminishing returns, as
high values of Cx will reduce sensor gain.
The value of Cs also has a dramatic effect on sensitivity, and
this can be increased in value with the trade-off of slower
response time and more power. Increasing the electrode's
surface area will not substantially increase touch sensitivity if
its diameter is already much larger in surface area than the
object being detected. Panel material can also be changed to
one having a higher dielectric constant, which will better help
to propagate the field.
Ground planes around and under the electrode and its SNSK
trace will cause high Cx loading and destroy gain. The
possible signal-to-noise ratio benefits of ground area are more
than negated by the decreased gain from the circuit, and so
ground areas around electrodes are discouraged. Metal areas
near the electrode will reduce the field strength and increase
Cx loading and should be avoided, if possible. Keep ground
away from the electrodes and traces.
1.4.3 Decreasing Sensitivity
In some cases the QT100 may be too sensitive. In this case
gain can be easily lowered further by decreasing Cs.
2 Operation Specifics
2.1 Run Modes
2.1.1 Introduction
The QT100 has three running modes which depend on the
state of SYNC, pin 6 (high or low).
2.1.2 Fast Mode
The QT100 runs in Fast mode if the SYNC pin is permanently
high. In this mode the QT100 runs at maximum speed at the
expense of increased current consumption. Fast mode is
useful when speed of response is the prime design
requirement. The delay between bursts in Fast mode is
approximately 1ms, as shown in Figure 2.2.
2.1.3 Low Power Mode
The QT100 runs in Low Power (LP) mode if the SYNC line is
held low. In this mode it sleeps for approximately 85ms at the
end of each burst, saving power but slowing response. On
detecting a possible key touch, it temporarily switches to Fast
mode until either the key touch is confirmed or found to be
spurious (via the detect integration process). It then returns to
LP mode after the key touch is resolved as shown in
Figure 2.1.
lQ
3
QT100_3R0.09_0707
Figure 1.1 Basic Circuit Configuration
Cs
OUT
VDD
SNSK
SNS
SYNC/MODE
VSS
2
6
4
3
1
5
VDD
Rs
Cx
SENSE
ELECTRODE
Note: A bypass capacitor should be tightly wired
between Vdd and Vss and kept close to QT100 pin 5.


Similar Part No. - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT100-ISG QUANTUM-QT100-ISG Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT100_3R0.08_0307 QUANTUM-QT100_3R0.08_0307 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
More results

Similar Description - QT100

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT160 QUANTUM-QT160 Datasheet
701Kb / 12P
6 KEY CHARGE TRANSFER QTOUCH SENSOR IC
QT60320 QUANTUM-QT60320 Datasheet
376Kb / 14P
32 KEY QMATRIX CHARGE-TRANSFER IC
QT60040 QUANTUM-QT60040 Datasheet
295Kb / 10P
4-KEY CHARGE-TRANSFER IC
QT9701B QUANTUM-QT9701B Datasheet
555Kb / 28P
CHARGE - TRANSFER CAPACITANCE SENSOR IC
QT100 QUANTUM-QT100 Datasheet
64Kb / 10P
CHARGE-TRANSFER IC
QT114 QUANTUM-QT114 Datasheet
308Kb / 12P
CHARGE-TRANSFER QLEVEL SENSOR IC
QT9701B2 QUANTUM-QT9701B2 Datasheet
706Kb / 30P
CHARGE-TRANSFER CAPACITANCE SENCOR IC
QT60320C QUANTUM-QT60320C Datasheet
375Kb / 14P
32-KEY QMATRIX CHARGE-TRANSFER IC
QT100 QUANTUM-QT100_07 Datasheet
69Kb / 12P
CHARGE-TRANSFER QTOUCH??IC
QT102 QUANTUM-QT102 Datasheet
178Kb / 18P
QTOUCH??TOGGLE-MODE CHARGE-TRANSFER IC WITH POWER MANAGEMENT FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com