Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4299_07 Datasheet HTML 5Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 6Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 7Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 8Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 9Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 10Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 11Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 12Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TLE 4299
Datasheet
9
Rev. 1.1, 2007-10-17
Characteristics
V
I =13.5V; Tj = 40 °C< Tj <150 °C
Parameter
Symbol
Limit Values
Unit Measuring Condition
min. typ. max.
Output voltage
V
Q
3.23 3.30 3.37
V
1 mA
I
Q ≤ 100 mA;
5.5 V
V
I ≤ 16 V
Output voltage
V
Q
3.20 3.30 3.40
V
I
Q ≤ 150 mA;
5.5 V
V
I ≤ 16 V
Current limit
I
Q
250
400
500
mA
Current consumption;
I
q = II IQ
I
q
65
105
µA
Inhibit ON;
I
Q ≤ 1mA, Tj <85 °C
Current consumption;
I
q = II IQ
I
q
170
500
µA
Inhibit ON;
I
Q =10mA
Current consumption;
I
q = II IQ
I
q
0.7
2
mA
Inhibit ON;
I
Q =50mA
Current consumption;
I
q = II IQ
I
q
––
1
µA
V
INH = 0 V;
T
j = 25 °C
Load regulation
V
Q
–5
30
mV
I
Q = 1 mA to 100 mA
Line regulation
V
Q
–10
25
mV
V
I = 6 V to 28 V;
I
Q =1mA
Power Supply Ripple
rejection
PSRR
–66
dB
f
r = 100 Hz; Vr = 1 VSS;
I
Q =100 mA
Inhibit (TLE 4299 GMV33 only)
Inhibit OFF voltage range
V
INH OFF
––
0.8
V
V
Q off
Inhibit ON voltage range
V
INH ON
3.5
-
V
V
Q on
High input current
I
INH ON
–3
5
µA
V
INH = 5V
Low input current
I
INH OFF
–0.5
2
µA
V
INH = 0.8 V


Similar Part No. - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
More results

Similar Description - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
   Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
   5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
   5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
   5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
   5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
   5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
   5-V Low-Drop Fixed-Voltage Regulator
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
   5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
   5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com