Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4299 Datasheet(PDF) 20 Page - Infineon Technologies AG

Part # TLE4299
Description  Low-Drop Fixed Voltage Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4299 Datasheet(HTML) 20 Page - Infineon Technologies AG

Back Button TLE4299_07 Datasheet HTML 16Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 17Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 18Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 19Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 20Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 21Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 22Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 23Page - Infineon Technologies AG TLE4299_07 Datasheet HTML 24Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Datasheet
20
Rev. 1.1, 2007-10-17
TLE 4299
Line Transient Response Peak Voltage
D
VQ
Inhibut Input Current I
INH at Inhibit Input
Voltage Extremes
Inhibit Input Current at Input Voltage
Extremes (INH=OFF)
Reset Trigger Threshold V
RT versus
Junction Temperature Tj
21_Line Trancient vs time 125.vsd
dV
I 2V
T=500µs/DIV
VQ=50mV/DIV
VQ
Tj=125°C
Vi=13.5V
I
INH
[µA]
24_IINH vs VINH.vsd
30
20
10
40
Tj = 25°C
10
V
INH [V]
30
40
20
50
Tj = -40°C
Tj = 150°C
I
INH
[µA]
25_IINH vs VIN INH_off.vsd
30
20
10
40
10
V
IN [V]
30
40
20
50
Tj = -40...150°C
INH = OFF
-40
T
j [°C]
-20
20 40
80 100
V
RT
[V]
26_VRT VS TEMP.VSD
3.10
3.05
3.0
3.15
060
140
120
V
I = 13.5 V
Reset Trigger
Threshold
3.25


Similar Part No. - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
More results

Similar Description - TLE4299_07

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4279 SIEMENS-TLE4279 Datasheet
242Kb / 19P
5-V Low-Drop Fixed Voltage Regulator
logo
Infineon Technologies A...
TLE4299 INFINEON-TLE4299 Datasheet
356Kb / 22P
5-V Low-Drop Fixed Voltage Regulator
Rev. 1.0 2002-01-17
TLE4278G INFINEON-TLE4278G Datasheet
564Kb / 19P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.3, 2005-04-29
TLE4299GV33 INFINEON-TLE4299GV33 Datasheet
529Kb / 24P
Low-Drop Fixed Voltage Regulator
Rev. 1.0 2005-01-27
TLE4299 INFINEON-TLE4299_04 Datasheet
374Kb / 22P
5-V Low Drop Fixed Voltage Regulator
Rev. 1.1, 2004-01-01
TLE4264 INFINEON-TLE4264 Datasheet
83Kb / 10P
5-V Low-Drop Fixed-Voltage Regulator
Rev. 2.1 2000-10-10
logo
IK Semicon Co., Ltd
ILE4264G IKSEMICON-ILE4264G Datasheet
279Kb / 6P
5-V Low-Drop Fixed-Voltage Regulator
logo
Infineon Technologies A...
TLE4275 INFINEON-TLE4275_07 Datasheet
228Kb / 17P
5-V Low Drop Fixed Voltage Regulator 5-V Low Drop Fixed Voltage Regulator
Rev. 1.7, 2007-02-19
logo
IK Semicon Co., Ltd
ILE4268 IKSEMICON-ILE4268_11 Datasheet
153Kb / 8P
5-V Low-Drop Fixed Voltage Regulator
ILE4271-2 IKSEMICON-ILE4271-2_11 Datasheet
183Kb / 9P
5-V LOW-DROP FIXED VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com