Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-2530 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NIPXI-2530
Description  61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-2530 Datasheet(HTML) 1 Page - National Instruments Corporation

  NIPXI-2530 Datasheet HTML 1Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 2Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 3Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
612-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
• 12 built-in measurement functions
• 1.8 MS/s isolated waveform acquisition
• 10 to 23-bit flexible resolution
• Built-in self-calibration
• ±300 VDC/Vrms isolation
• 425 Vp AC measurements
Calibration
• Gain, temperature, and offset
self-calibration
• 2-year external calibration cycle
Operating Systems
• Windows 2000/NT/XP
• LabVIEW Real-Time
• Linux
Recommended Software
• LabVIEW
• LabWindows/CVI
• SignalExpress
Driver Software (included)
• NI-DMM
• DMM Express VI for LabVIEW
• DMM Soft Front Panel
NI 4070
Overview
The National Instruments 4070 FlexDMM is a 612-digit digital multimeter
that achieve remarkable throughput rates while maintaining precision and
stable measurement accuracy. With National Instruments proprietary
FlexDMM technology, these DMMs also provide a fully isolated, high-
voltage digitizer, capable of acquiring waveforms at sampling rates up to
1.8 MS/s at all voltage and current values. Using the analysis functions
in National Instruments LabVIEW, you can analyze these waveforms in
both the time and frequency domains. The NI 4070 DMMs have superior
speed, accuracy, and functionality, making them an excellent fit for use in
automated tests on both the production floor and in an R&D environment.
High-Speed Digital Multimeter
1.8 MS/s Flexible-Resolution Isolated Digitizer
• Users can vary the resolution of the FlexDMM from 10 to 23 bits
by simply changing the sampling rate, as reflected in Figure 1.
• The unique multi-instrument functionality minimizes overall system
cost by eliminating the need to purchase a separate data acquisition
device, signal conditioning, fixturing, and so on.
Built-In Self-Calibration and 2-Year Calibration Cycle
• Self-calibration (Self-Cal) improves accuracy by removing errors due to
temperature variation and long-term drift.
• Self-Cal ensures accuracy over entire 0 to 55 °C operating range.
• 2-year external calibration cycle reduces downtime and maintenance costs.
Software
• NI-DMM is an IVI-compliant driver that accesses the complete
functionality of the DMM through an easy-to-use application
programming interface (API).
• Compatible languages include C/C++, .NET, Visual Basic, LabVIEW,
and LabWindows/CVI.
Digits
Resolution
(Bits)
Max Sampling Rate
DC Voltage and Current1
Reading Rate2
7
23
5 S/s
5 S/s
612
22
100 S/s
100 S/s
512
18
5 kS/s
3 kS/s
412
15
20 kS/s
10 kS/s
3
10
1.8 MS/s
1Maximum sample rate refers to waveform acquisition
2Autozero disabled, except 7 digits, measured on a 10 V and 10 k
range
Table 1. NI 4070 Key Specifications
Ordering Information
NI PCI-4070............................................................................778275-01
NI PXI-4070............................................................................778274-01
Includes the P-1 Probe Set, NI-DMM, DMM Express VI, and DMM Soft Front Panel.
Recommended Switching and Accessories
NI PXI-2527
300 V multiplexer switch ................................................ 778572-27
NI PXI-2530
128x1 multiplexer switch ..................................................778660-01
P-1 Probe Set (standard probe) ............................................761000-01
P-2 Probe Set (additional probe) ..........................................184698-01
P-3 Probe Set (banana plug to bare wire) ............................185692-01
10 A current shunt, CSM-10A ..............................................777488-02
BUY NOW!
For complete product specifications, pricing, and accessory information,
call (800) 813 3693 (U.S.) or go to ni.com/modularinstruments.
Figure 1. NI 4070 FlexDMM Resolution versus Sample Rate


Similar Part No. - NIPXI-2530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-2530 NI-NIPXI-2530 Datasheet
721Kb / 5P
61⁄2-Digit Digital Multimeter, 1.8 MS/s Isolated Digitizer, and LCR Meter
NIPXI-2530 NI-NIPXI-2530 Datasheet
198Kb / 4P
High-Density Multiconfiguration Multiplexer/Matrix
More results

Similar Description - NIPXI-2530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-4072 NI-PXI-4072 Datasheet
721Kb / 5P
61⁄2-Digit Digital Multimeter, 1.8 MS/s Isolated Digitizer, and LCR Meter
NIPXI-4071 NI-NIPXI-4071 Datasheet
240Kb / 9P
71.2-Digit, 26-Bit, 1000 V Digital Multimeter and 1.8 MS/s Isolated Digitizer
logo
Keysight Technologies
U3401A KEYSIGHT-U3401A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
U3402A KEYSIGHT-U3402A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
logo
National Instruments Co...
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
100 MS/s, 14-Bit Digitizers for Communications
NI5114 NI-NI5114 Datasheet
508Kb / 4P
250 MS/s, 125 MHz, 8-Bit Digitizers
logo
Keysight Technologies
M9182A KEYSIGHT-M9182A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
M9183A KEYSIGHT-M9183A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
National Instruments Co...
NI4050 NI-NI4050 Datasheet
110Kb / 4P
51?? Digit Multimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com