Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NIPXI-2530 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # NIPXI-2530
Description  61??-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-2530 Datasheet(HTML) 2 Page - National Instruments Corporation

  NIPXI-2530 Datasheet HTML 1Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 2Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 3Page - National Instruments Corporation NIPXI-2530 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Specifications subject to change without notice.
For the most current and complete specifications, visit ni.com/modularinstruments.
DC Functions
DC Voltage ±(ppm of reading + ppm of range)
DC Current ±(ppm of reading + ppm of range)
Resistance (4-wire and 2-wire) ±(ppm of reading + ppm of range)
Diode Test
AC Functions
AC Voltage 2-year ± (% of reading + % of range), 23 ±5 °C
612-Digit Digital Multimeters and 1.8 MS/s Isolated Digitizers
2
BUY ONLINE at ni.com or CALL (800) 813 3693 (U.S.)
Range
Resolution
Input
Resistance
24 Hr
Tcal ±1 °C
90-Day
Tcal ±5 °C
2-Year
Tcal ±5 °C
Tempco/°C
Without
Self-Cal
With
Self-Cal
100 mV
100 nV
>10 G
,10 M
10 + 10
30 + 20
40 + 20
4 + 5
0.3 + 0.3
1 V
1 µV
>10 G
,10 M
6 + 2
20 + 6
25 + 6
2 + 1
0.3 + 0.3
10 V
10 µV
>10 G
,10 M
4 + 2
20 + 6
25 + 6
1 + 1
0.3 + 0.3
100 V
100 µV
10 M
6 + 2
30 + 6
35 + 6
4 + 1
0.3 + 0.3
300 V
1 mV
10 M
6 + 6
30 + 20
35 + 20
4 + 3
0.3 + 0.3
Range
Resolution
Burden Voltage (typical)
Noise (ppm of range rms)
2-Year
Tempco/°C
20 mA
10 nA
<20 mV
20
400 + 75
8 + 1
200 mA
100 nA
<200 mV
3
400 + 20
8 + 0.2
1 A
1 µA
<800 mV
3
500 + 20
8 + 0.4
Range
Resolution
Test Current
Max Test
Voltage
24 Hr
Tcal ±1 °C
90-Day
Tcal ±5 °C
2-Year
Tcal ±5 °C
Tempco/°C
Without
Self-Cal
With
Self-Cal
100
100 µ
1 mA
100 mV
15 + 10
50 + 10
80 + 10
8 + 1
0.8 + 1
1 k
1 m
1 mA
1 V
12 + 2
50 + 3
80 + 3
8 + 0.1
0.8 + 0.1
10 k
10 m
100 µA
1 V
12 + 2
50 + 3
80 + 3
8 + 0.1
0.8 + 0.1
100 k
100 m
10 µA
1 V
15 + 2
50 + 6
80 + 6
8 + 0.5
0.8 + 0.5
1 M
1
10 µA
10 V
20 + 2
60 + 10
90 + 10
8 + 1
0.8 + 1
10 M
10
1 µA
10 V
100 + 2
200 + 10
400 + 10
30 + 3
30 + 3
100 M
100
1 µA || 10 M
10 V
900 + 20
1,800 + 40
2,000 + 40
200 + 10
200 + 10
Range
Resolution
Test Current
Accuracy
10 V
10 µV
1 µA, 10 µA, 100 µA, 1 mA
Add 20 ppm of reading to 10 V DC voltage specifications
Digits
Reading Rate
Bandwidth
612
0.25 S/s
1 Hz to 300 kHz
612
2.5 S/s
10 Hz to 300 kHz
612
25 S/s
100 Hz to 300 kHz
612
100 S/s
400 Hz to 300 kHz
512
1.0 kS/s
20 to 300 kHz
Range (rms)
Peak Voltage
Resolution
1 to 40 Hz
40 Hz to 20 kHz
20 to 50 kHz
50 to 100 kHz
100 to 300 kHz
50 mV
±105 mV
100 nV
0.1 + 0.04
0.05 + 0.04
0.09 + 0.04
0.5 + 0.08
3 + 0.1
500 mV
±1.05 V
1 µV
0.1 + 0.01
0.05 + 0.02
0. 09 + 0.02
0.5 ± 0.02
3 + 0.05
5 V
±10.5 V
10 µV
50 V
±105 V
100 µV
300 V
±450 V
1 mV
Tempco/°C
0.001 + 0.001
0.001 + 0.001
0.001 + 0.001
0.001 + 0.001
0.01 + 0.01


Similar Part No. - NIPXI-2530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-2530 NI-NIPXI-2530 Datasheet
721Kb / 5P
61⁄2-Digit Digital Multimeter, 1.8 MS/s Isolated Digitizer, and LCR Meter
NIPXI-2530 NI-NIPXI-2530 Datasheet
198Kb / 4P
High-Density Multiconfiguration Multiplexer/Matrix
More results

Similar Description - NIPXI-2530

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-4072 NI-PXI-4072 Datasheet
721Kb / 5P
61⁄2-Digit Digital Multimeter, 1.8 MS/s Isolated Digitizer, and LCR Meter
NIPXI-4071 NI-NIPXI-4071 Datasheet
240Kb / 9P
71.2-Digit, 26-Bit, 1000 V Digital Multimeter and 1.8 MS/s Isolated Digitizer
logo
Keysight Technologies
U3401A KEYSIGHT-U3401A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
U3402A KEYSIGHT-U3402A Datasheet
2Mb / 21P
U3400 Series 4쩍 and 5쩍 Digit Digital Multimeters
logo
National Instruments Co...
NIPXI-5142 NI-NIPXI-5142 Datasheet
383Kb / 17P
100 MS/s, 14-Bit Digitizers for Communications
NI5114 NI-NI5114 Datasheet
508Kb / 4P
250 MS/s, 125 MHz, 8-Bit Digitizers
logo
Keysight Technologies
M9182A KEYSIGHT-M9182A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
M9183A KEYSIGHT-M9183A Datasheet
1Mb / 14P
PXI Digital Multimeters 6쩍 Digit, High Performance
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
National Instruments Co...
NI4050 NI-NI4050 Datasheet
110Kb / 4P
51?? Digit Multimeters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com