Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4409 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC4409
Description  Power Amplifier Applications Power switching applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4409 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC4409_04 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4409_04 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4409_04 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4409_04 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC4409
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC4409
Power Amplifier Applications
Power switching applications
• Low collector saturation voltage: VCE (sat) = 0.5V (max) (at IC = 1A)
• High speed switching time: tstg = 500ns (typ.)
• Small flat package
• PC = 1~2 W (Mounted on a ceramic substrate)
• Complementary to 2SA1681
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
80
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
6
V
Collector current
IC
2
A
Base current
IB
0.2
A
Collector power dissipation
PC
500
mW
Collector power dissipation
PC (Note)
1000
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: 2SC4409 mounted on a ceramic substrate (250 mm
2 × 0.8 t)
Unit: mm
JEDEC
JEITA
SC-62
TOSHIBA
2-5K1A
Weight: 0.05 g (typ.)


Similar Part No. - 2SC4409_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC4409 TOSHIBA-2SC4409 Datasheet
73Kb / 1P
NPN EPITAXIAL TYPE (POWER AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC4409 KEXIN-2SC4409 Datasheet
359Kb / 3P
Power Switching Applications
More results

Similar Description - 2SC4409_04

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1926 TOSHIBA-2SA1926_10 Datasheet
107Kb / 3P
Power Amplifier Applications Power Switching Applications
2SC4540 TOSHIBA-2SC4540_04 Datasheet
150Kb / 4P
Power Amplifier Applications Power Switching Applications
2SC2873 TOSHIBA-2SC2873_04 Datasheet
163Kb / 5P
Power Amplifier Applications Power Switching Applications
logo
Unisonic Technologies
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1735 TOSHIBA-2SA1735_09 Datasheet
179Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1681 TOSHIBA-2SA1681_07 Datasheet
162Kb / 4P
Power Amplifier Applications Power Switching Applications
2SA1213 TOSHIBA-2SA1213_07 Datasheet
169Kb / 5P
Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com