Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L151C4U6 Datasheet(PDF) 106 Page - STMicroelectronics

Part # STM8L151C4U6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C4U6 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button STM8L151C4U6 Datasheet HTML 102Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 103Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 104Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 105Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 106Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 107Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 108Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 109Page - STMicroelectronics STM8L151C4U6 Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 122 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
106/122
Doc ID 15962 Rev 5
Figure 40.
Power supply and reference decoupling (VREF+ not connected to VDDA)
Figure 41.
Power supply and reference decoupling (VREF+ connected to VDDA)
9.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during product characterization.
V REF+
STM8L
V DDA
V SSA/V REF-
1 µF // 10 nF
1 µF // 10 nF
ai17031
VREF+/VDDA
STM8L
1 µF // 10 nF
VREF–/VSSA
ai17032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com