Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5674F Datasheet(PDF) 125 Page - Freescale Semiconductor, Inc

Part # MPC5674F
Description  MPC5674F Microcontroller Data Sheet
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5674F Datasheet(HTML) 125 Page - Freescale Semiconductor, Inc

Back Button MPC5674F Datasheet HTML 121Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 122Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 123Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 124Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 125Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 126Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 127Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 128Page - Freescale Semiconductor, Inc MPC5674F Datasheet HTML 129Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 132 page
background image
Signal Properties and Muxing
MPC5674F Microcontroller Data Sheet, Rev. 6
Freescale Semiconductor
125
Table 45 lists the pin locations of the power and ground signals on the 416 TEPBGA package.
Table 45. 416-pin Power Supply Locations
VDD
A2
B3
C4
D5
N4
AB4
AB23
AC3
AC12
AC24
AD2
AD25
AE1
AE26
VDD33
M1
AA4
AA23
VDDE2
N10
P10
P11
R10
R11
T1
T10
T11
T12
U10
U11
U12
W4
AC1
AC5
AF2
VDDEH1
VDDEH3
VDDEH4
VDDEH5
B1
P4
AC10
AF5
AC11
AF22
AC21
AF25
VDDEH6
VDDEH7
N23
AC25
D24
E23
M26
VSS
A1
A26
B2
B25
C3
C24
D4
D23
K10
K11
K12
K13
K14
K15
K16
K17
L10
L11
L12
L13
L14
L15
L16
L17
M10
M11
M12
M13
M14
M15
M16
M17
N11
N12
N13
N14
N15
N16
N17
P12
P13
P14
P15
P16
P17
R12
R13
R14
R15
R16
R17
T13
T14
T15
T16
T17
U13
U14
U15
U16
U17
AC4
AC23
AD3
AD24
AE2
AE25
AF1
AF26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com