Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM8148 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM8148
Description  TMS320DM814x DaVinci??Digital Media Processors
PDF  343 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM8148 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS320DM8148 Datasheet HTML 4Page - Texas Instruments TMS320DM8148 Datasheet HTML 5Page - Texas Instruments TMS320DM8148 Datasheet HTML 6Page - Texas Instruments TMS320DM8148 Datasheet HTML 7Page - Texas Instruments TMS320DM8148 Datasheet HTML 8Page - Texas Instruments TMS320DM8148 Datasheet HTML 9Page - Texas Instruments TMS320DM8148 Datasheet HTML 10Page - Texas Instruments TMS320DM8148 Datasheet HTML 11Page - Texas Instruments TMS320DM8148 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 343 page
background image
TMS320DM8148, TMS320DM8147
SPRS647 – MARCH 2011
www.ti.com
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
DM841x
6 (10/10/4/4/4/4 Serializers, Each with
McASP
Transmit/Receive and DIT capability)
McBSP
1 (2 Data Pins, Transmit/Receive)
Controller Area Network (DCAN)
2
Serial ATA (SATA) 3.0 Gbps
1 (Supports 1 Hard Disk Drive)
RTC
1
GPIO
Up to 128 pins
Parallel Camera Interface (CAM)
1
Spin Lock Module
1 (up to 128 H/W Semaphores)
Mailbox Module
1 (with 12 Mailboxes)
Size (Bytes)
1120KB RAM, 48KB ROM
ARM
32KB I-cache
32KB D-cache
512KB L2 Cache
On-Chip Memory
Organization
48KB Boot ROM
DSP
32KB L1 Program (L1P)/Cache (up to 32KB) with EDC
32KB L1 Data (L1D)/Cache (up to 32KB)
256KB Unified Mapped RAM/Cache (L2) with ECC
ADDITIONAL SHARED MEMORY
128KB On-chip RAM
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1401
C674x Megamodule
Revision ID Register (MM_REVID[15:0])
0x0000
Revision
see Section 8.5.3.1, JTAG ID (JTAGID) Register
JTAG BSDL ID
DEVICE_ID Register (address location: 0x4814_0600)
Description
ARM® Cortex™-A8 720 MHZ
CPU Frequency
MHz
DSP 600 MHz
ARM® Cortex™ -A8 1.39 ns
Cycle Time
ns
DSP 1.66 ns
Core Logic (V)
0.83V – 1.2V
Voltage
I/O (V)
1.5 V, 1.8 V, 3.3 V
Package
23 x 23 mm
684-Pin BGA (CYE) [with Via Channel™ Technology]
Process Technology
μm
0.045
μm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
8
Device Overview
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM8148 TMS320DM8147


Similar Part No. - TMS320DM8148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 360P
TMS320DM814x DaVinci Digital Media Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 376P
DaVinci Video Processors
TMS320DM8148 TI1-TMS320DM8148 Datasheet
2Mb / 377P
DaVinci Video Processors
TMS320DM8148BCYE0 TI1-TMS320DM8148BCYE0 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
TMS320DM8148BCYE0 TI1-TMS320DM8148BCYE0 Datasheet
2Mb / 376P
DaVinci Video Processors
More results

Similar Description - TMS320DM8148

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM8168 TI1-TMS320DM8168 Datasheet
2Mb / 312P
TMS320DM816x DaVinci Digital Media Processors
MARCH2011
TMS320DM8148_1109 TI1-TMS320DM8148_1109 Datasheet
2Mb / 360P
TMS320DM814x DaVinci Digital Media Processors
DM3730 TI1-DM3730_11 Datasheet
3Mb / 280P
Digital Media Processors
JULY2011
TMS320DM8148 TI1-TMS320DM8148_13 Datasheet
2Mb / 370P
TMS320DM814x DaVinci?줧ideo Processors
XDM3730ACBP TI-XDM3730ACBP Datasheet
2Mb / 280P
Digital Media Processors
DM3730 TI1-DM3730_14 Datasheet
3Mb / 281P
Digital Media Processors
TMS320DM8168 TI1-TMS320DM8168_15 Datasheet
2Mb / 328P
DaVinci Digital Media Processors
DM385 TI1-DM385_16 Datasheet
2Mb / 281P
DaVinci Digital Media Processor
DM3730 TI1-DM3730_17 Datasheet
3Mb / 280P
Digital Media Processors
DM383 TI1-DM383 Datasheet
2Mb / 267P
DaVinci Digital Media Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com