Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62126EV30LL-45ZSXA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62126EV30LL-45ZSXA
Description  1-Mbit (64K x 16) Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126EV30LL-45ZSXA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62126EV30LL-45ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY62126EV30 MoBL
Document #: 38-05486 Rev. *H
Page 3 of 16
Pin Configuration
Figure 1. 48-Ball VFBGA (Top View)
Figure 2. 44-Pin TSOP II (Top View) [1]
Table 1. Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC (mA)
Standby, ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
CY62126EV30LL
Industrial
2.2
3.0
3.6
45
1.3
2
11
16
1
4
CY62126EV30LL Automotive
2.2
3.0
3.6
55
1.3
4
11
35
1
30
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
NC
NC
Vcc
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A14
A15
A8
A9
A10
A11
A12
A13
NC
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
NC
Notes
1. NC pins are not connected on the die.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.


Similar Part No. - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126EV30LL-45ZSXA CYPRESS-CY62126EV30LL-45ZSXA Datasheet
506Kb / 18P
   1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
More results

Similar Description - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
398Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com