Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70592C Datasheet(PDF) 306 Page - Microchip Technology

Part # 70592C
Description  High-Performance, 16-bit Microcontrollers
PDF  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

70592C Datasheet(HTML) 306 Page - Microchip Technology

Back Button 70592C Datasheet HTML 302Page - Microchip Technology 70592C Datasheet HTML 303Page - Microchip Technology 70592C Datasheet HTML 304Page - Microchip Technology 70592C Datasheet HTML 305Page - Microchip Technology 70592C Datasheet HTML 306Page - Microchip Technology 70592C Datasheet HTML 307Page - Microchip Technology 70592C Datasheet HTML 308Page - Microchip Technology 70592C Datasheet HTML 309Page - Microchip Technology 70592C Datasheet HTML 310Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 314 page
background image
PIC24HJXXXGPX06A/X08A/X10A
DS70592C-page 306
© 2011 Microchip Technology Inc.
Section 24.0 “Electrical Characteristics”
Removed Note 4 from the DC Temperature and Voltage
Specifications (see Table 24-4).
Updated the maximum value for parameter DI19 and added
parameters DI28, DI29, DI60a, DI60b, and DI60c to the I/O Pin Input
Specifications (see Table 24-9).
Removed Note 2 from the AC Characteristics: Internal RC Accuracy
(see Table 24-18).
Updated the characteristic description for parameter DI35 in the I/O
Timing Requirements (see Table 24-20).
Updated the ADC Module Specification minimum values for
parameters AD05 and AD07, and updated the maximum value for
parameter AD06 (see Table 24-39).
Added Note 1 to the ADC Module Specifications (12-bit Mode) (see
Table 24-40).
Added Note 1 to the ADC Module Specifications (10-bit Mode) (see
Table 24-41).
Added DMA Read/Write Timing Requirements (see Table 24-44).
Section 25.0 “High Temperature Electrical
Characteristics”
Updated all ambient temperature end range values to +150ºC
throughout the chapter.
Updated the storage temperature end range to +160ºC.
Updated the maximum junction temperature from +145ºC to +155ºC.
Updated the maximum values for High Temperature Devices in the
Thermal Operating Conditions (see Table 25-2).
Added Note 3 and updated the ADC Module Specifications (12-bit
Mode), removing all parameters with the exception of HAD33a (see
Table 25-16).
Added Note 3 and updated the ADC Module Specifications (10-bit
Mode), removing all parameters with the exception of HAD33b (see
Table 25-17).
TABLE B-2:
MAJOR SECTION UPDATES (CONTINUED)
Section Name
Update Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com