Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL207SP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSL207SP
Description  OptiMOS-P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL207SP Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSL207SP Datasheet HTML 1Page - Infineon Technologies AG BSL207SP Datasheet HTML 2Page - Infineon Technologies AG BSL207SP Datasheet HTML 3Page - Infineon Technologies AG BSL207SP Datasheet HTML 4Page - Infineon Technologies AG BSL207SP Datasheet HTML 5Page - Infineon Technologies AG BSL207SP Datasheet HTML 6Page - Infineon Technologies AG BSL207SP Datasheet HTML 7Page - Infineon Technologies AG BSL207SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2007-02-08
Page 5
Rev. 2.01
BSL207SP
5 Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
1
2
3
4
5
6
7
8
V
10
- VDS
0
5
10
15
20
25
30
35
40
45
50
A
60
Vgs = -2V
Vgs = -2.5V
Vgs = -3V
Vgs = -3.5V
Vgs = -4V
Vgs = -4.5V
Vgs = -6V
Vgs = -10V
6 Typ. drain-source on resistance
RDS(on) = f (ID)
parameter: VGS
0
4
8
12
16
20
24
A
30
- ID
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0.055
0.065
Vgs = - 10V
Vgs = -2V
Vgs = -2.2V
Vgs = -2.5V
Vgs= - 3V
Vgs = - 4V
Vgs = - 4.5V
Vgs= - 5V
Vgs = - 6V
Vgs= - 8V
7 Typ. transfer characteristics
ID= f ( VGS ); |VDS|≥ 2 x |ID| x RDS(on)max
parameter: tp = 80 µs
0
0.5
1
1.5
2
V
3
- VGS
0
2
4
6
8
10
12
14
16
18
A
22
8 Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: tp = 80 µs
0
4
8
12
16
A
24
- ID
0
4
8
12
S
20


Similar Part No. - BSL207SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL207SP INFINEON-BSL207SP Datasheet
853Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-02-02
BSL207SP INFINEON-BSL207SP Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - BSL207SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com