Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSL207SP Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSL207SP
Description  OptiMOS-P Small-Signal-Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSL207SP Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSL207SP Datasheet HTML 1Page - Infineon Technologies AG BSL207SP Datasheet HTML 2Page - Infineon Technologies AG BSL207SP Datasheet HTML 3Page - Infineon Technologies AG BSL207SP Datasheet HTML 4Page - Infineon Technologies AG BSL207SP Datasheet HTML 5Page - Infineon Technologies AG BSL207SP Datasheet HTML 6Page - Infineon Technologies AG BSL207SP Datasheet HTML 7Page - Infineon Technologies AG BSL207SP Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2007-02-08
Page 2
Rev. 2.01
BSL207SP
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - soldering point
RthJS
-
-
50
K/W
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
-
-
230
62.5
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain-source breakdown voltage
VGS=0, ID=-250µA
V(BR)DSS
-20
-
-
V
Gate threshold voltage, VGS = VDS
ID=-40µA
VGS(th)
-0.6
-0.9
-1.2
Zero gate voltage drain current
VDS=-20V, VGS=0, Tj=25°C
VDS=-20V, VGS=0, Tj=150°C
IDSS
-
-
-0.1
-10
-1
-100
µA
Gate-source leakage current
VGS=-12V, VDS=0
IGSS
-
-10
-100
nA
Drain-source on-state resistance
VGS=-2.5V, ID=-4.9A
RDS(on)
-
43
65
m
Drain-source on-state resistance
VGS=-4.5, ID=-6A
RDS(on)
-
29
41
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air; t
≤ 5 sec.


Similar Part No. - BSL207SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSL207SP INFINEON-BSL207SP Datasheet
853Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-02-02
BSL207SP INFINEON-BSL207SP Datasheet
1Mb / 20P
   Gate Driver Board
Revision 1.0 2022-05-27
More results

Similar Description - BSL207SP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS223PW INFINEON-BSS223PW Datasheet
74Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2002-07-04
BSS209PW INFINEON-BSS209PW Datasheet
75Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-05
BSO080P03S INFINEON-BSO080P03S Datasheet
275Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.0 2004-01-21
BSO204P INFINEON-BSO204P Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-03
BSS223PW INFINEON-BSS223PW_06 Datasheet
391Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
BSO203SP INFINEON-BSO203SP Datasheet
92Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2004-06-03
BSL211SP INFINEON-BSL211SP_07 Datasheet
589Kb / 8P
   OptiMOS-P Small-Signal-Transistor
2007-02-08
BSO303PH INFINEON-BSO303PH Datasheet
317Kb / 9P
   OptiMOS-P Small-Signal-Transistor
Rev. 1.3 2010-02-10
BSO201SP INFINEON-BSO201SP Datasheet
82Kb / 8P
   OptiMOS -P Small-Signal-Transistor
2001-12-21
BSS209PW INFINEON-BSS209PW_06 Datasheet
284Kb / 8P
   OptiMOS-P Small-Signal-Transistor
Rev 1.3 2006-12-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com