Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSO615CG Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSO615CG
Description  SIPMOS Small-Signal-Transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSO615CG Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSO615CG Datasheet HTML 1Page - Infineon Technologies AG BSO615CG Datasheet HTML 2Page - Infineon Technologies AG BSO615CG Datasheet HTML 3Page - Infineon Technologies AG BSO615CG Datasheet HTML 4Page - Infineon Technologies AG BSO615CG Datasheet HTML 5Page - Infineon Technologies AG BSO615CG Datasheet HTML 6Page - Infineon Technologies AG BSO615CG Datasheet HTML 7Page - Infineon Technologies AG BSO615CG Datasheet HTML 8Page - Infineon Technologies AG BSO615CG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
2006-08-25
Page 4
Rev. 2.0
BSO 615 C G
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Gate to source charge
VDD = 48 V, ID = 3.1 A
VDD = -48 V, ID = -2 A
N
P
Qgs
-
-
0.5
1.7
0.75
2.6
nC
Gate to drain charge
VDD = 48 V, ID = 3.1 A
VDD = -48 V, ID = -2 A
N
P
Qgd
-
-
6.3
4.3
9.5
6.5
Gate charge total
VDD = 48 V, ID = 3.1 A, VGS = 0 to 10V
VDD = -48 V, ID = -2 A, VGS = 0 to -10V
N
P
Qg
-
-
15
13.5
22.5
20
Gate plateau voltage
VDD = 48 V, ID = 3.1 A
VDD = -48 V, ID = -2 A
N
P
V(plateau)
-
-
3.1
-2.8
-
-
V
Reverse Diode
Inverse diode continuous forward current
TA = 25 °C
N
P
IS
-
-
-
-
3.1
-2
A
Inverse diode direct current,pulsed
TA = 25 °C
N
P
ISM
-
-
-
-
12.4
-8
Inverse diode forward voltage
VGS = 0 V, IF = IS
VGS = 0 V, IF = IS
N
P
VSD
-
-
0.8
-0.8
1.1
-1.1
V
Reverse recovery time
VR = 30 V, IF=lS, diF/dt = 100 A/µs
VR = -30 V, IF=lS , diF/dt = -100 A/µs
N
P
trr
-
-
50
85
75
130
ns
Reverse recovery charge
VR = 30 V, IF=lS , diF/dt = 100 A/µs
VR = -30 V, IF=lS, diF/dt = -100 A/µs
N
P
Qrr
-
-
70
120
105
180
nC


Similar Part No. - BSO615CG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
SIPMOS횘 Small-Signal-Transistor
2012-04-04
More results

Similar Description - BSO615CG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com