Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GMC2412K Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GMC2412K
Description  SOT-23
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GMC2412K Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GMC2412K Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GMC2412K Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GMC2412K Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin
Guilin
Guilin
Guilin
Strong
Strong
Strong
Strong
Micro-Electronics
Micro-Electronics
Micro-Electronics
Micro-Electronics
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
Co.,Ltd.
GMC2412K
ELECTRICAL
ELECTRICAL
ELECTRICAL
ELECTRICAL
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
電特性
(TA=25℃ unless otherwise noted 如無特殊說明,溫度爲 25℃)
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Collector Cutoff Current
集電極截止電流
ICBO
VCB=60V,
IE=0
0.1
μA
Emitter Cutoff Current
發射極截止電流
IEBO
VEB=7V,
IC=0
0.1
μA
Collector-Base Breakdown Voltage
集電極-基極擊穿電壓
V(BR)CBO
IC=50μA
60
V
Collector-Emitter Breakdown Voltage
集電極-發射極擊穿電壓
V(BR)CEO
IC=1.0mA
50
V
Emitter-Base Breakdown Votlage
發射極-基極擊穿電壓
V(BR)EBO
IE=50μA
7
V
DC Current Gain
直流電流增益
HFE
VCE=6V,
IC=1mA
120
560
Collector-Emitter Saturation Voltage
集電極-發射極飽和壓降
VCE(sat)
IC=50mA,
IB=5mA
0.4
V
Transition Frequency
特徵頻率
fT
VCE=12V,
IC=2mA,
f=100MHz
180
MHz
Collector Output Capacitance
輸出電容
Cob
VCB=12V,
IE=0A,
f=1MHz
2.0
3.5
pF


Similar Part No. - GMC2412K

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMC2412K GSME-GMC2412K_15 Datasheet
204Kb / 2P
   NPN General Purpose Transistor
More results

Similar Description - GMC2412K

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
MMBTH10 GSME-MMBTH10 Datasheet
294Kb / 3P
   SOT-23
GM3356 GSME-GM3356 Datasheet
282Kb / 3P
   SOT-23
GM3838 GSME-GM3838 Datasheet
294Kb / 3P
   SOT-23
GM2222 GSME-GM2222 Datasheet
325Kb / 4P
   SOT-23
GM2712 GSME-GM2712 Datasheet
280Kb / 3P
   SOT-23
GM4403 GSME-GM4403 Datasheet
351Kb / 4P
   SOT-23
GMA92 GSME-GMA92 Datasheet
302Kb / 3P
   SOT-23
MMBTH10 GSME-MMBTH10_15 Datasheet
294Kb / 3P
   SOT-23
logo
Sangdest Microelectroni...
S23LC03 SMC-S23LC03 Datasheet
124Kb / 4P
   SOT-23
logo
Guilin Strong Micro-Ele...
2SC3356 GSME-2SC3356 Datasheet
282Kb / 3P
   SOT-23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com