Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR100-8A Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # MCR100-8A
Description  Sensitive Gate / Silicon Controlled Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

MCR100-8A Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  MCR100-8A Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd MCR100-8A Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd MCR100-8A Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd MCR100-8A Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristics (Tj = 25℃, unless otherwise specified)
Symbol
Test conditions
MCR100-8A
Unit
VDRM,VRRM
950
V
IBGTB(1)
MAX.
200
uA
VBGTB
VBDB = 7V RL=100Ω
MAX.
0.8
V
IH B(2)
VBDB = 7V , IGT = 0.5 mA RGK =1kΩ
MAX.
5
mA
IL
VBDB = 7V , IGT = 0.5 mA RGK =1kΩ
MAX.
6
mA
dV/dt (2)
V
B
D B= 67 % VBDRMB R
GK =1Kω Tj = 110℃
MIN.
50
V/us
Static characteristics
Symbol
Test conditions
Value
Unit
VBTB (2)
ITM = 1.2A
tp = 380 us
Tj = 25℃
MAX.
1.55
V
Tj = 25℃
10
uA
IBDRMB
IBRRMB
VBDRMB=VBRRMB
Tj = 110℃
MAX.
0.2
mA
Thermal resistance
Symbol
Parameter
Value
Unit
RBth (j-l)B
Junction to lead for DC
80
℃/W
RBth (j-a)B
Junction to ambient
150
℃/W
2/4


Similar Part No. - MCR100-8A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MCR100-8A MICRO-ELECTRONICS-MCR100-8A Datasheet
81Kb / 2P
0.8A SCR
More results

Similar Description - MCR100-8A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
C106 ONSEMI-C106 Datasheet
62Kb / 6P
Sensitive Gate Silicon Controlled Rectifiers
August, 2005 ??Rev. 8
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
Sensitive Gate / Silicon Controlled Rectifiers
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com