Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42694 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE42694
Description  Low Dropout Fixed Voltage Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42694 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE42694_10 Datasheet HTML 5Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 6Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 7Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 8Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 9Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 10Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 11Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 12Page - Infineon Technologies AG TLE42694_10 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
TLE42694
General Product Characteristics
Data Sheet
9
Rev. 1.2, 2010-11-26
4.2
Functional Range
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.
Input Voltage
V
I
5.5
45
V
Output Capacitor’s Requirements
for Stability
C
Q
10
µF
1)
1) the minimum output capacitance requirement is applicable for a worst case capacitance tolerance of 30%
ESR(C
Q)
3
Ω
2)
2) relevant ESR value at
f = 10 kHz
Junction Temperature
T
j
-40
150
°C
Note: Within the functional range the IC operates as described in the circuit description. The electrical
characteristics are specified within the conditions given in the related electrical characteristics table.
4.2.1
4.2.2
4.2.3


Similar Part No. - TLE42694_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
More results

Similar Description - TLE42694_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42994V33 INFINEON-TLE42994V33 Datasheet
1Mb / 25P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, 2010-10-14
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
   Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
   Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
   Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
   Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
   Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com