Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE42994V33 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE42994V33
Description  Low Dropout Fixed Voltage Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE42994V33 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE42994V33 Datasheet HTML 15Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 16Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 17Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 18Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 19Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 20Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 21Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 22Page - Infineon Technologies AG TLE42994V33 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
TLE42994V33
Block Description and Electrical Characteristics
Data Sheet
19
Rev. 1.01, 2010-10-14
5.7
Typical Performance Characteristics Reset
Undervoltage Reset Switching Threshold
V
RT
versus Junction Temperature
T
j
Power On Reset Delay Time
t
rd versus
Junction Temperature
T
j
Internal Reset Reaction Time
t
rr,int versus
Junction Temperature
T
j
Delay Capacitor Discharge Time
t
rr,d versus
Junction Temperature
T
j
11_VRT_TJ.VSD
2,9
2,95
3
3,05
3,1
3,15
3,2
3,25
3,3
-40
0
40
80
120
160
T j [°C]
12_TRD_TJ.VSD
0
10
20
30
40
50
60
70
-40
10
60
110
160
T j [°C]
C
D = 100 nF
13_TRRINT_TJ.VSD
0
5
10
15
20
25
-40
10
60
110
160
T j [°C]
14_TRRD_TJ.VSD
0
0,5
1
1,5
2
2,5
-40
10
60
110
160
T j [°C]


Similar Part No. - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42994V33 INFINEON-TLE42994V33_14 Datasheet
1Mb / 33P
Extreme Low Current Consumption In ON State
More results

Similar Description - TLE42994V33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42664 INFINEON-TLE42664_15 Datasheet
947Kb / 15P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2014-07-03
TLE42644 INFINEON-TLE42644 Datasheet
262Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42794 INFINEON-TLE42794 Datasheet
548Kb / 28P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694 INFINEON-TLE42694_10 Datasheet
756Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.2, November 2010
TLE42694 INFINEON-TLE42694_14 Datasheet
1Mb / 33P
Low Dropout Fixed Voltage Regulator
TLE42994 INFINEON-TLE42994 Datasheet
543Kb / 30P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, 2009-05-19
TLE42664 INFINEON-TLE42664 Datasheet
286Kb / 12P
Low Dropout Fixed Voltage Regulator
Rev. 1.01, Sep 2009
TLE42694 INFINEON-TLE42694 Datasheet
993Kb / 29P
Low Dropout Fixed Voltage Regulator
Rev. 1.1, October 2008
TLE42694-2 INFINEON-TLE42694-2 Datasheet
1Mb / 20P
Low Dropout Fixed Voltage Regulator
Rev. 1.0, 2012-07-03
TLF80511EJ INFINEON-TLF80511EJ_15 Datasheet
1Mb / 20P
Low Dropout Linear Fixed Voltage Regulator
Rev. 1.0, 2014-11-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com