Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62126EV30LL-45ZSXA Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62126EV30LL-45ZSXA
Description  1-Mbit (64 K x 16) Static RAM Automatic power down when deselected
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126EV30LL-45ZSXA Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62126EV30LL-45ZSXA Datasheet HTML 1Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 2Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 3Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 4Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 5Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 6Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 7Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 8Page - Cypress Semiconductor CY62126EV30LL-45ZSXA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
CY62126EV30 MoBL®
Document Number: 38-05486 Rev. *I
Page 3 of 18
Pin Configuration
Figure 1. 48-ball VFBGA (Top View)
Figure 2. 44-pin TSOP II (Top View) [1]
Product Portfolio
Product
Range
VCC Range (V)
Speed
(ns)
Power Dissipation
Operating, ICC (mA)
Standby, ISB2 (A)
f = 1 MHz
f = fmax
Min
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
Typ[2]
Max
CY62126EV30LL
Industrial
2.2
3.0
3.6
45
1.3
2
11
16
1
4
CY62126EV30LL Automotive
2.2
3.0
3.6
55
1.3
4
11
35
1
30
WE
A11
A10
A6
A0
A3
CE
I/O10
I/O8
I/O9
A4
A5
I/O11
I/O13
I/O12
I/O14
I/O15
VSS
A9
A8
OE
Vss
A7
I/O0
BHE
NC
NC
A2
A1
BLE
VCC
I/O2
I/O1
I/O3
I/O4
I/O5
I/O6
I/O7
A15
A14
A13
A
12
NC
NC
NC
3
2
6
5
4
1
D
E
B
A
C
F
G
H
NC
NC
Vcc
1
2
3
4
5
6
7
8
9
11
14
31
32
36
35
34
33
37
40
39
38
12
13
41
44
43
42
16
15
29
30
A5
18
17
20
19
27
28
25
26
22
21
23
24
A6
A7
A4
A3
A2
A1
A0
A14
A15
A8
A9
A10
A11
A12
A13
NC
OE
BHE
BLE
CE
WE
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
VCC
VCC
VSS
VSS
NC
10
NC
Notes
1. NC pins are not connected on the die.
2. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at VCC = VCC(typ), TA = 25 °C.
[+] Feedback


Similar Part No. - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126EV30LL-45ZSXA CYPRESS-CY62126EV30LL-45ZSXA Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY62126EV30LL-45ZSXA

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62157E CYPRESS-CY62157E_11 Datasheet
457Kb / 18P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62137EV30_1106 CYPRESS-CY62137EV30_1106 Datasheet
498Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power-down when deselected
CY62137FV18 CYPRESS-CY62137FV18_11 Datasheet
493Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136FV30 CYPRESS-CY62136FV30_11 Datasheet
534Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62136EV30_1106 CYPRESS-CY62136EV30_1106 Datasheet
496Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62137FV30_1106 CYPRESS-CY62137FV30_1106 Datasheet
522Kb / 16P
   2-Mbit (128 K x 16) Static RAM Automatic power down when deselected
CY62157EV30 CYPRESS-CY62157EV30_11 Datasheet
485Kb / 21P
   8-Mbit (512 K x 16) Static RAM Automatic power down when deselected
CY62128EV30_1106 CYPRESS-CY62128EV30_1106 Datasheet
952Kb / 18P
   1-Mbit (128 K x 8) Static RAM Automatic power-down when deselected
CY62167EV18 CYPRESS-CY62167EV18_11 Datasheet
314Kb / 16P
   16 Mbit (1M x 16) Static RAM Automatic power down when deselected
CY62157ESL CYPRESS-CY62157ESL_11 Datasheet
261Kb / 16P
   8-Mbit (512K x 16) Static RAM Automatic power down when deselected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com