Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 3Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 4Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 5Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 6Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 7Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 8Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
2.
Overview of the AT42QT1111
2.1
Introduction
The AT42QT1111 (QT1111) is a digital burst mode charge-transfer (QT) capacitive sensor
driver designed for any touch-key applications.
The keys can be constructed in different shapes and sizes. Refer to the Touch Sensors Design
Guide and Application Note QTAN0002, Secrets of a Successful QTouch™ Design, for more
information on construction and design methods (both downloadable from the Atmel
® website).
The device includes all signal processing functions necessary to provide stable sensing under a
wide variety of changing conditions, and the outputs are fully debounced. Only a few external
parts are required for operation.
The QT1111 modulates its bursts in a spread-spectrum fashion in order to suppress heavily the
effects of external noise, and to suppress RF emissions.
2.2
Configurations
The QT1111 is designed as a versatile device, capable of various configurations. There are two
basic configurations for the QT1111:
• 11-key QTouch. The device can sense up to 11 keys.
• 7-key QTouch with individual outputs for each key. The device can sense up to 7 keys and
drive the matching Detect outputs to a user-configurable PWM.
Both configurations allow for a choice of acquisition modes, thus providing a variety of
possibilities that will satisfy most applications (see the following sections for more information).
Additionally, the SYNC line can be used as an external trigger input. Note that in 11-key mode
the SYNC line replaces one key, thus allowing only 10 keys.
See Section 4.7 on page 18 for more information.
2.3
Guard Channel
The device has a guard channel option (available in all key modes), which allows one key to be
configured as a guard channel to help prevent false detection. See Section 4.9 on page 19 for
more information.
2.4
Self-test Functions
The QT1111 has two types of self-test functions:
• Internal Hardware tests – check for hardware failures in the device’s internal memory.
• Functional checks – confirm that the device is operating within expected parameters.
See Section 4.10 on page 20 for more information.


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com