Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 1 Page - ATMEL Corporation

  AT42QT1111-MU Datasheet HTML 1Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 2Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 3Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 4Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 5Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 6Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 7Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 8Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
Features
Sensor Keys:
– Up to 11 QTouchchannels
Data Acquistion:
– Measurement of keys triggered either by a signal applied to the SYNC pin or at
regular intervals timed by the AT42QT1110's internal clock
– Keys measured sequentially for better performance, or in parallel groups for faster
operation
– Raw data for key touches can be read as a report over the SPI interface
Discrete Outputs:
– Configurable “Detect” outputs indicating individual key touch (7-key mode)
Device Setup:
– Device configuration can be stored in EEPROM
Technology:
– Patented spread-spectrum charge-transfer (direct mode)
Key Outline Sizes:
– 6 mm x 6 mm or larger (panel thickness dependent); widely different sizes and
shapes possible, including solid or ring shapes
Key Spacings:
– 7 mm center to center or more (panel thickness dependent)
Layers Required:
–One
Electrode Materials:
– Etched copper, silver, carbon, Indium Tin Oxide (ITO)
Electrode Substrates:
– PCB, FPCB, plastic films, glass
Panel Materials:
– Plastic, glass, composites, painted surfaces (low particle density metallic paints
possible)
Panel Thickness:
– Up to 10 mm glass, 5 mm plastic (electrode size dependent)
Key Sensitivity:
– Individually settable via simple commands over serial interface
Adjacent Key Suppression® (AKS)
– Patented AKS technology to enable accurate key detection
Interface:
– Full-duplex SPI slave mode (750 KHz), “change” pin, discrete detection outputs
Moisture Tolerance Good
Power:
– 1.8V ~ 5.5V
Package:
– 32-pin 5 x 5 mm MLF RoHS compliant
– 32-pin 7 x 7 mm TQFP RoHS compliant
Signal Processing:
– Self-calibration, auto drift compensation, noise filtering, AKS technology
Applications:
– Consumer and industrial applications, such as TV, media player, etc
QTouch11-key
Sensor IC
AT42QT1111-MU
AT42QT1111-AU
9571A–AT42–02/10


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com