Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 6Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 7Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 8Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
4.
Detailed Operations
4.1
Communications
4.1.1
Introduction
All communication with the device is carried out over the Serial Peripheral Interface (SPI). This is
a synchronous serial data link that operates in full-duplex mode. The host communicates with
the QT controller over the SPI using a master-slave relationship, with the QT1111 acting in slave
mode.
4.1.2
SPI Operation
The SPI uses four logic signals:
• Serial Clock (SCK) – output from the host.
• Master Output, Slave Input (MOSI) – output from the host, input to the QT controller. Used by
the host to send data to the QT controller.
• Master Input, Slave Output (MISO) – input to the host, output from the QT controller. Used by
the QT device to send data to the host.
• Slave Select (SS) – active low output from the host.
At each byte, the master pulls SS low and generates 8 clock pulses on SCK. With these 8 clock
pulses, a byte of data is transmitted from the master to the slave over MOSI, most significant bit
(msb) first.
Simultaneously a byte of data is transmitted from the slave to the master over MISO, also most
significant bit first.
The slave reads the status of MOSI at the leading edge of each clock pulse, and the master
reads the slave’s data from MISO at the trailing edge.
The QT1111 requires that the clock idles “high”, meaning that the data on MOSI and MISO pins
are set at the falling edges and sampled at the rising edges.
That is:
Clock polarity CPOL = 1
Clock phase CPHA = 1
The QT1111 SPI interface can operate at any SCK frequency up to 750 KHz.
In multibyte communications, the master must pause for a minimum delay of 300 µs between
the completion of one byte exchange and the beginning of the next.
Note that the number of bytes to be transmitted depends on the initial command sent by the
host. This sets the mode on the QT1111 so that the QT1111 knows how to respond to, or how to
interpret, the following bytes. If there is a delay of >100 ms between bytes while the QT1111 is
waiting for data, or waiting to send data, then the incomplete transmission is discarded and the
device resets its SPI state machine. It will then interpret the next byte it receives as a fresh
command.
When the QT1111 SPI interface is receiving a new command, it returns the “Idle” status code
(0x55) on MISO during the first byte exchange to indicate to the master that it is in the correct
state for receiving instructions.


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com