Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 7Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 8Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
4.1.3
CRC Bytes
If enabled, a CRC checking procedure is implemented on all communications between the SPI
master and the QT1111. In this case, each command or report request sent by the master must
have a byte appended containing the CRC checksum of the data sent. The QT1111 will not
respond to commands until the CRC byte has been received and verified.
Sample C code showing the algorithm for calculating the CRC of the data can be found in
Appendix A.
When the QT1111 is expecting a CRC byte, it returns (on MISO) the calculated CRC byte which
it expects to receive. This is sent simultaneously with the QT1111 receiving the CRC byte from
the master (that is, during the same byte exchange). This allows both devices to confirm that the
data was sent correctly.
All data returned by the QT1111 is also be followed by a CRC byte, allowing the master to
confirm the integrity of the data transmission.
4.1.4
SPI Commands
There are three types of communication between the SPI master and the QT1111:
• Control commands (see Section 5 on page 22)
– To send control instructions to the QT1111
• Report requests (see Section 6 on page 24)
– To reading status information from the QT1111
• Setup commands (see Section 7 on page 28)
– To set configuration options (“Set” instructions)
– To read configuration options (“Get” instructions)
Additionally the “Null” command (0x00) is transmitted by the host device as it is receiving data
from the QT1111.
4.1.4.1
Control Commands
A control command is an instruction sent to the QT1111 that controls operations of the device,
and for which no response is required. Examples of control commands are: “Reset”, “Calibrate”,
“Send Setups”.
With the exception of “Send Setups”, control commands normally require a single byte
exchange, unless CRC checking is enabled, in which case a second byte must be transmitted
by the host with the calculated CRC of the command byte.
Figure 4-1.
Sleep Command – CRC Disabled
Host (Sends on MOSI)
Device (Responds on MISO)
Simultaneous
Transmission
Command: 0x05
Response: 0x55 ( Idle”
Fresh Command)


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
4 KEY QTOUCH SENSOR IC
logo
ATMEL Corporation
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
QTouch??4-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
QTouch??11-key Sensor IC
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
QTouch??11-key Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com