Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 8Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 50 page
background image
12
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
Figure 4-2.
Sleep Command – CRC Enabled
When the “Send Setups” command is received, the QT1111 stops measurement of QTouch
sensors and waits for 42 bytes of data to be sent. Only when all 42 bytes have been received
(and the CRC byte, if CRC is enabled), the QT1111 applies all the settings to RAM and resumes
measurement. In this case, if CRC is enabled, the CRC byte is calculated for all the data sent by
the host, including the command byte 0x01.
Control Commands are specified in detail in Section5 on page22.
4.1.5
Report Requests
Report Requests are sent by the Host to instruct the QT1111 to return status information. The
host sends the appropiate “Report Request” command, then transmits Null bytes on MOSI while
the QT1111 returns the report data on MISO.
Figure 4-3.
All Keys Report – CRC Disabled
Host (Sends on MOSI)
Command: 0x05
Simultaneous
Transmission
Command CRC: 0x3F
Response: 0x3F (Expected Command CRC)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)
Host (Sends on MOSI)
Command: 0xC1
Device (Responds on MISO)
Null: 0x00
Key Status Report Byte 0
Null: 0x00
Key Status Report Byte 1
Simultaneous
Transmission
Response: 0x55 ( Idle”
Fresh Command)


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com