Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1111-MU Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT42QT1111-MU
Description  QTouch 11-key Sensor IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT42QT1111-MU Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT42QT1111-MU Datasheet HTML 9Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 10Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 11Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 12Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 13Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 14Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 15Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 16Page - ATMEL Corporation AT42QT1111-MU Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
13
9571A–AT42–02/10
AT42QT1111-MU/AT42QT1111-AU
For example, Figure 4-3 on page 12 shows the exchange that takes place to read the 2-byte “All
Keys” report. In this exchange, the host sends:
0xC1 — 0x00 — 0x00
and the QT1110 returns (simultaneously):
0x55 — Report Byte 0 — Report Byte 1
If CRC is enabled, this exchange is extended to 5 bytes, as shown in Figure 4-4.
Figure 4-4.
All Keys Report – CRC Enabled
4.1.5.1
Set Instructions
Set Instructions are 2-byte transmissions by the host that are used to send settings to individual
locations in the device memory map.
At the first byte, the QT1111 returns 0x55 (“Idle”) to confirm that it will interpret the byte as a new
command. At the second byte, the QT1111 returns the “Set” command it has just received.
For example, to set the “Positive Recalibration Delay” to 1920 ms, address 5 in the memory map
is set to 12 (0x0C). This is done with the “Set” command for address 5 (command code 0x95),
as shown in Figure 4-5 on page 14.
Host (Sends on MOSI)
Command: 0xC1
Null: 0x00
Key Status Report Byte 0
Null: 0x00
Key Status Report Byte 1
Null: 0x00
Report CRC: 0x??
Simultaneous
Transmission
Command CRC: 0x94
Response: 0x94 (Expected Command CRC)
Response: 0x55 ( Idle”
Fresh Command)
Device (Responds on MISO)


Similar Part No. - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
More results

Similar Description - AT42QT1111-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1111MU ATMEL-AT42QT1111MU Datasheet
701Kb / 50P
   QTouch??11-key Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU Datasheet
688Kb / 48P
   QTouch??11-key Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
   11-key QTouch Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040 Datasheet
323Kb / 18P
   QTouch??4-key Sensor IC
logo
Quantum Research Group
QT240 QUANTUM-QT240 Datasheet
258Kb / 12P
   4 KEY QTOUCH SENSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com